Electronic Components Datasheet Search
  English  ▼

X  

US2B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # US2B
Description  SURFACE MOUNT REVERSE voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

US2B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  US2B Datasheet HTML 1Page - PACELEADER INDUSTRIAL US2B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES US2AA THRU US2MA
US2A thru US2M
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 6 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
100
10
5
1.0
10
100
REVERSE VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
0
T =25 C
J
f=1.0MHz
Vsig=50mVp-p
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
1
2
5
10
20
50
100
Fig. 3 - MAXIMUM FORWARD SURGE CURRENT
Fig. 1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK
REVERSE VOLTAGE
60
50
40
30
20
10
20
40
60
80
100
120
140
10
1.0
0.1
0.01
0
T =25 C
J
0
20
40
60
80
100 120
140
160
o
LEAD TEMPERATURE, C
2.4
2.0
1.6
1.2
0.8
0.4
0
SINGLE PHASE
HALF W AVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.3x0.3"(8.0x8.0mm)
COPPER PAD AREAS
Fig. 2 - TYPICAL FORWARD CHARACTERISTICS
PER ELEMENT
1.0
0.8
0.4
0.4
1.2
1.4
10
1.0
0.1
0.01
US2G
US2M
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
UA2A
0
T =25 C
J
Pulse Width=300 s
2% Duly Cycle
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com