Electronic Components Datasheet Search
  English  ▼

X  

US2B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # US2B
Description  SURFACE MOUNT REVERSE voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

US2B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  US2B Datasheet HTML 1Page - PACELEADER INDUSTRIAL US2B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
US2A thru US2M
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-55 to +150
-55 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
2.0
50
1.0
1.3
1.7
.098(2.50)
.114(2.90)
.006(.152)
.012(.305)
.188(4.80)
.004(.102)
.157(4.00)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.181(4.60)
.008(.203)
.208(5.28)
SMA/DO-214AC
Dimensions in inches and (millimeters)
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
TJ
TSTG
TJ
TRR
50
35
50
100
70
100
200
300
140
210
200
300
400
280
400
600
420
600
800
560
800
1000
700
1000
5.0
100
50
30
50
75
A
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
ULTRA FAST RECTIFIERS FORWARD
CURRENT - 2.0 AMPERES
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Ultrafast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability classification 94V-0
Glass passivated junction
High temperature soldering
o
260 C/10seconds at terminals
Case
JEDEC DO-214AC molded plastic
Terminals
Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Standard Packaging 12mm tape (ELA-481)
Weight 0.064grams
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current @ TL =100 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
0
Superimposed on Rated Load (JEDEC Method) TA=55 C
MaximumInstantaneous Forward Voltage at 2.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage @TA=100 C
Typical Junctionn Capacitance (NOTE 2)
0
Maximum Reverse Recovery Time (NOTE 1) TJ=25 C
Maximum Thermal Resistance (NOTE 3)
Operating and Storage Temperature Range
NOTES
1. Rverse Recovery Test Condibons IF=5A, IR=1A, lRR=0.25A
2. Measured at 1 MHz and applied reverse Voltag of 4.0VDC
3. Measured on P.C.Board with 0.2
x0.2
(5mmX5mm) Copper Pad Area.
US2A US2B US2D US2F US2G US2J
US2K US2M
www.paceleader.tw


Similar Part No. - US2B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2B SSE-US2B Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2B DIOTEC-US2B Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2B WEITRON-US2B Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2B DIOTEC-US2B Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2B SEMIKRON-US2B Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
UF505 PACELEADER-UF505 Datasheet
193Kb / 3P
SURFACE MOUNT REVERSE voltage
UF800F PACELEADER-UF800F Datasheet
327Kb / 2P
SURFACE MOUNT REVERSE voltage
logo
Foshan Blue Rocket Elec...
RS2AF FOSHAN-RS2AF Datasheet
865Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
RS2MAF FOSHAN-RS2MAF Datasheet
850Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
RS3AF FOSHAN-RS3AF Datasheet
948Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
logo
SHIKUES Electronics
BAT46W SKTECHNOLGY-BAT46W Datasheet
429Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
logo
Rectron Semiconductor
FML545AF RECTRON-FML545AF Datasheet
88Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
FML545BF RECTRON-FML545BF Datasheet
195Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
SS52F RECTRON-SS52F Datasheet
87Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com