Electronic Components Datasheet Search
  English  ▼

X  

M2012 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M2012
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2012 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A71
A
TERMINALS (Continued)
OPTIONAL CAPS & CAP COLORS
40
45
.150” (3.81mm)
Vertical PC (1-4 Pole)
.100” (2.54mm)
Vertical PC (1-4 Pole)
Single Pole
Double Pole
Three Pole
Four Pole
AT415
for S Bat Toggle
AT444
Conical Cap for S Bat Toggle
C
B
Black
A
Colors Available
Yellow
E
White
Red
C
Blue
G
B
Green
F
Material:
Polyethylene
Material:
Polyethylene
(5.0) Dia
.197
(13.5)
.532
(12.0)
.472
25°
25°
(4.8) Dia
.189
(11.5)
.452
(13.1)
.516
Terminal dimensions are shown on the Typical Switch Dimensions pages which follow.
STANDARD HARDWARE
Single Pole
Double Pole
Three Pole
Four Pole
(12.7)
.500
(1.8) Dia Typ
.073
2
1
3
(2.54) Typ
.100
(3.81) Typ
.150
(2.4) Typ
.094
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(3.81) Typ
.150
4
5
6
(1.8) Dia Typ
.073
2
1
3
(4.8) Typ
.189
(2.54) Typ
.100
(14.35)
.565
5
4
6
(3.81) Typ
.150
9
8
7
(1.8) Dia Typ
.073
2
1
3
(4.8) Typ
.189
(2.54) Typ
.100
(14.35)
.565
5
4
6
(3.81) Typ
.150
9
8
710
11
12
(12.7)
.500
(1.8) Dia Typ
.073
1
2
3
(2.54) Typ
.100
(2.54) Typ
.100
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(2.54) Typ
.100
(2.54) Typ
.100
(12.7)
.500
(14.35)
.565
(4.8) Typ
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
(2.54) Typ
.100
(2.54) Typ
.100
(14.35)
.565
(4.8) Typ
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
(2.54) Typ
.100
(2.54) Typ
.100
10
11
12
AT513H for Inch
AT513M for Metric
Hex Nut (2 per switch)
Brass/Nickel
AT507H for Inch
AT507M for Metric
Locking Ring (1 per switch)
Steel with Zinc/Chromate
AT509
Lockwasher (1 per switch, none
with splashproof)
Steel with Zinc/Chromate
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(8.0)
.315
1/4-40 Thd or
M6 P0.75
(9.0)
.354
(1.5)
.059



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com