Electronic Components Datasheet Search
  English  ▼

X  

M2012 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M2012
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2012 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers M2012 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A73
A
TYPICAL SWITCH DIMENSIONS
Single Pole
.150” (3.81mm) Vertical PC
M2012S2A2G40
Double Pole
.150” (3.81mm) Vertical PC
M2022S2A2G40
Three Pole
.150” (3.81mm) Vertical PC
Four Pole
.150” (3.81mm) Vertical PC
M2032S2A2G40
M2042S2A2G40
(1.4) Typ
.055
(5.08)
.200
Keyway
(6.86)
.270
(7.32)
.288
(12.7)
.500
(3.81) Typ
.150
(0.4)
.016
(1.1)
.043
(0.8) Typ
.031
(2.7) Dia
.106
(6.2) Dia
.244
25°
Keyway
(1.4) Typ
.055
(5.08)
.200
(6.2) Dia
.244
25°
(2.7) Dia
.106
(0.8) Typ
.031
(3.81) Typ
.150
(12.7)
.500
(7.32)
.288
(6.86)
.270
(0.4)
.016
(1.1)
.043
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8)
.189
(12.7)
.500
(2.7)
.106
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8) Typ
.189
(17.5)
.689
(2.7)
.106
9
8
7
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(3.81) Typ
.150
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
Keyway
(1.4) Typ
.055
(5.08)
.200
Keyway
(1.4) Typ
.055
(5.08)
.200
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(3.81) Typ
.150
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
(13.0)
.512
(1.27) Typ
.050
(22.3)
.878
(2.7)
.106
6
5
4
1
2
3
9
8
7
10
11
12
(4.8) Typ
.189
3
2
1
(13.0)
.512
(2.7)
.106
(1.27)
.050
(7.9)
.311



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com