Electronic Components Datasheet Search
  English  ▼

X  

RT120 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT120
Description  Pushbutton Switches, 22mm, Oil-Tight, Round
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT120 Datasheet(HTML) 2 Page - Tyco Electronics

  RT120 Datasheet HTML 1Page - Tyco Electronics RT120 Datasheet HTML 2Page - Tyco Electronics RT120 Datasheet HTML 3Page - Tyco Electronics RT120 Datasheet HTML 4Page - Tyco Electronics RT120 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reliant'22 Series
Pushbutton Switches, 22mm, Oil-Tight, Round or Mushroom or Dual
Button
I
I4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MAINTAINED
Contact blocks not supplied, order separately. (See page I8.)
Note: Use F40/V40 for N.C. contacts and
FAO/VAO for N.O. contacts.
Tyco Electronics Alcoswitch
Type
—
RM030(*)
Flush Button
3-1437614-4
RM0450
Mushroom, Black
3-1437614-5
RM0452
Mushroom, Red
3-1437614-8
RM0532
Push-Pull, Mushroom, Red
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
** Note: RM0532 mushroom 35mm Dia. (1.38)
MOMENTARY DUAL OPERATOR*
Threaded Thermoplastic bushing
Contact blocks not supplied, order separately. (See page I8.)
Black buttons available.
Tyco Electronics Alcoswitch
Color
Legend
1437614-9
QT01201
Green, Red
As Shown
—
QT012STSTH
Green, Red
Start & Stop Horizontal
*Not oil tight construction, not sealed; meets NEMA 1 only.
Note: Front beveled frame is black.
PUSH-TO-LOCK, TWIST-RELEASE
Metal Bushings
Contact blocks not supplied, order separately. (See page I8.)
Note: Use F40/V40 for N.C. contacts, and
FAO/VAO for N.O. contacts.
Tyco Electronics Alcoswitch
Type
Arrow
4-1437614-0
RM0652
Mushroom, Red
White
Note: Front beveled frame is black.
.039 - .236
(.99 - 5.99)
.846
(21.5)
1.16
(29.5)
1.04
(26.5)
1.14
(29.0)
1.58
(40.1)
.039 - .394
(.99 - 10.0)
.55
(14.0)
1.95
(49.5)
1.34
(34.0)
RM0502
RM0652
RM030(*)
.039 - .236
(.99 - 5.99)
1.14
(29.0)
1.58
(40.0)
1.04
(26.5)
.039 - .236
(.99 - 5.99)
1.14
(29.0)
1.58
(40.0)
1.04
(26.5)
QT01201
Panel
Thickness
Panel
Thickness
Panel
Thickness
Panel
Thickness
**
MOMENTARY
Mushroom
Contact blocks not supplied, order separately. (See page I8.)
Tyco Electronics
Alcoswitch
Type
Bushing
3-1437614-7
RM0502
Mushroom, Red
Metal, Bayonet
1437615-2
RT0502
Mushroom, Red
Thermoplastic, Threaded Bushing
3-1437614-6
RM0500
Mushroom, Black
Metal, Bayonet
1437615-1
RT0500
Mushroom, Black
Thermoplastic, Threaded Bushing
3-1437614-9
RM0552
Mushroom, Red
Metal, Bayonet (Wobble)
RT050(*)
Mushroom
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue.
Note: Front beveled frame is black.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com