Electronic Components Datasheet Search
  English  ▼

X  

RT120 Datasheet(PDF) 5 Page - Tyco Electronics

Part # RT120
Description  Pushbutton Switches, 22mm, Oil-Tight, Round
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT120 Datasheet(HTML) 5 Page - Tyco Electronics

  RT120 Datasheet HTML 1Page - Tyco Electronics RT120 Datasheet HTML 2Page - Tyco Electronics RT120 Datasheet HTML 3Page - Tyco Electronics RT120 Datasheet HTML 4Page - Tyco Electronics RT120 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Reliant'22
Pushbutton Switches, 22mm, Oil-Tight, Round or Square Buttons
I
I7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
ROUND, MOMENTARY ILLUMINATED
Thermoplastic
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamps separately. (See page I15.)
Lamps: use T-3 1/4 or G3 1/2 incandescent or neon lamps.
Model
Action
Type
RT120(*)
Momentary
Extended Button
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: Front beveled frame is black.
QM122(*)
QM120(*)
RT120(*)
.039 - .236
(.99 - 5.99)
.570
(14.5)
1.16
(29.5)
1.83
(46.5)
.787
(20.0)
1.16
(29.5)
SQUARE, MOMENTARY ILLUMINATED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamps separately.
Lamps: Use G3 1/2. (See page I15.)
Custom legends available.
Model
Type
QM122(*)
Flush Button
QM120(*)
Extended Button
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: Front beveled frame is black.
.039 - .394
(.99 - 10.0 )
.846
(21.5)
Panel
Thickness
1.16
(29.5)
1.83
(46.5)
Panel
Thickness



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com