Electronic Components Datasheet Search
  English  ▼

X  

OTBA5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OTBA5
Description  Momentary Action Optical Touch Buttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTBA5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OTBA5 Datasheet HTML 1Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 2Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 3Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 4Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 5Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OTB Series Momentary Action OPTO-TOUCH
Safety Instruction
A field cover has been supplied with this OPTO-TOUCH. It
should be installed, as shown in the drawing at the right, to
minimize the possibility of unintended switch operation. If
this cover is missing or has become lost or damaged, contact
Banner immediately at (612) 544-3164 for a no-charge
replacement.
!
3
OPTO-TOUCH
base
4-pin QD base (dc models)
OPTO-TOUCH
base
5-pin QD base (ac and ac/dc models)
Dimensions (see also QD base, shown above)
OPTO-TOUCH Field Covers (see drawing, below) are designed to
prevent inadvertent activation of OPTO-TOUCHs due to objects
(loose clothing, debris, etc.) which might accidentally block their
sensing beam.
Field covers are constructed of rugged polycarbonate-PET polyester
blend, which is capable of absorbing high impacts (even at low
temperatures). This material is highly resistant to abrasion and to
damage by most chemicals.
Every OPTO-TOUCH is supplied with a black field cover, as standard.
Field covers are available separately in four colors, which can be used
to differentiate touch button functions when several touch buttons are
in use:
Black
model OTC-1-BK, p/n 30221
Red
model OTC-1-RD, p/n 30977
Yellow
model OTC-1-YW, p/n 30978
Green
model OTC-1-GN, p/n 30979
OPTO-TOUCH Field Covers
VALOX® and Lexan® are registered trademarks of General Electric Company.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com