Electronic Components Datasheet Search
  English  ▼

X  

OTBA5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OTBA5
Description  Momentary Action Optical Touch Buttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTBA5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OTBA5 Datasheet HTML 1Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 2Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 3Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 4Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 5Page - List of Unclassifed Manufacturers OTBA5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Printed in
P/N 28436
OTB Series
OPTO-TOUCH™
Banner Optical Touch Buttons are touch-activated photoelectric switches
designed to replace capacitive touch switches and mechanical push buttons.
The OPTO-TOUCH's SPDT electromechanical relay or solid-state output (de-
pending upon model) is activated for as long as a finger, introduced into the "touch
area" (yoke) of the switch, interrupts the OPTO-TOUCH's infrared sensing beam.
Banner Optical Touch Buttons are ergonomically designed to eliminate the hand,
wrist, and arm stresses associated with mechanical push buttons. They require
absolutely no physical pressure to operate. LED indicators light for "power on"
and "output activated".
All models are highly resistant to EMI, RFI, and ambient light interference. OTBs
have either a black polysulfone (or red Lexan®) upper housing and VALOX® base.
Lexan® models have the letter "L" in their model number suffix. Environmental
considerations for use of the two types differ; see specifications below. The 30-
mm threaded base on all models provides easy mounting, and Banner Optical
Touch Buttons are easily retrofitted to existing machines. See pages 2 and 5 for
model listings.
Specifications
OTB Series Momentary Action
Optical Touch Button (QD model shown)
WARNING. Banner OPTO-TOUCH™ OTB and OTBL Series Optical Touch Buttons are intended
as general-purpose initiators, and are not safety devices. Like most solid-state devices, they are as equally
likely to fail in the conducting ("on") state as in the non-conducting ("off") state.
If OPTO-TOUCH Optical
Touch Buttons are used to initiate machines or operations in which false operation of an Optical Touch Button could be
dangerous, point-of-operation guarding devices or related safety controls must be installed and maintained to meet all
appropriate OSHA regulations and ANSI B11 machine safety standards.
M30 x 1,5 external threads and 1/2" NPSM internal threads. Base
requires a 1-3/16" diameter mounting hole (fits most standard automo-
tive-size "jumbo" legend plates and oiltight pushbutton holes). Sup-
plied with a field cover of polycarbonate-PET polyester. OPTO-
TOUCH OTBs are rated NEMA 1, 3, 4, 4X, 12, and 13.
Cable: DC-only Quick-disconnect (QD) models require model MBCC-
412 4-conductor mini-type cable (p/n 25226); AC and ac/dc Quick-
disconnect (QD) models require MBCC-512 5-conductor cable (p/n
25496; cables are purchased separately). Mini-type QD cables are 12 feet
long. Models with attached cable (non-QD models) are supplied with 6
feet of PVC-jacketed, 22 AWG 4- or 5-conductor cable.
Environmental Considerations (models with polysulfone housing):
Prolonged exposure of the OPTO-TOUCH to direct outdoor sunlight
will cause embrittlement of the polysulfone housing. Window glass
effectively filters longer wavelength ultraviolet and provides excel-
lent protection from sunlight. Contact the factory Application Engi-
neering Department regarding outdoor applications.
Environmental Considerations (models with Lexan® housing):
Prolonged exposure of the OPTO-TOUCH to hot water and moist
high-temperature environments above 150
°F (66°C) should be
avoided.
Aromatic hydrocarbons (such as xylene and toluene),
halogenated hydrocarbons, and strong alkalis should be avoided.
Clean periodically using mild soap solution and a soft cloth. Avoid
strong alkaline materials.
Momentary Action Optical Touch Buttons
Supply Voltage: Models for 105 to 130V ac, 210 to 250V ac (50/60
Hz), 10 to 30V dc, or 20 to 30V ac/dc (at 25 mA, exclusive of load).
Output Configuration:
AC and ac/dc models: All models have SPDT electromechanical relay
(one N.O. contact, one N.C. contact).
DC-only models:
OTBVN6 models have complementary NPN sinking outputs;
OTBVP6 models have complementary PNP sourcing outputs.
Output Rating:
AC and ac/dc models: Maximum voltage is 250V ac or 30V dc.
Maximum current is 7 amps (resistive load), 1 HP max.
Minimum load is .05 watts (dc), .05VA (ac).
Mechanical life of relay is 50,000,000 operations (minimum).
Electrical life of relay is 100,000 operations (min.) at full resistive load.
Transient suppression recommended when switching inductive loads.
DC models: 150 mA maximum load (each output).
Ambient Light Immunity: 120,000 lux (direct sunlight).
EMI/RFI Immunity: The OPTO-TOUCH is highly resistant to
both single and mixed EMI and RFI noise sources.
Operating Temperature Range: -20 to +50
°C (-4 to +122°F).
Indicator LEDs: Two indicator LEDs. One lights whenever power
is "on"; the other lights whenever the output relay is activated.
Construction: Black polysulfone (or red Lexan®) upper housing
and fiber-reinforced VALOX® base. Electronics fully epoxy-encap-
sulated. Totally sealed, non-metallic enclosure. Threaded base has
E71083
LR41887-24
Read all WARNINGs carefully.


Similar Part No. - OTBA5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
OTBA5 BANNER-OTBA5 Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
OTBA5L BANNER-OTBA5L Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
OTBA5LQD BANNER-OTBA5LQD Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
OTBA5LQD. BANNER-OTBA5LQD. Datasheet
719Kb / 10P
OTB Series Optical Touch Button Product Manual
OTBA5QD BANNER-OTBA5QD Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
More results

Similar Description - OTBA5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
Zero-Force Touch Buttons
800Z-GF3065 ALLEN-BRADLEY-800Z-GF3065 Datasheet
148Kb / 4P
Zero-Force Touch Buttons
logo
C&K Components
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
Alternate & Momentary Action Pushbutton Switches
PHB CK-COMPONENTS-PHB Datasheet
260Kb / 3P
Momentary or latching action
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
logo
C&K Components
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
Alternate & Momentary Action Pushbutton Switches
2022
logo
Banner Engineering Corp...
STBVR81Q6 BANNER-STBVR81Q6 Datasheet
1Mb / 12P
STB Self-Checking Optical Touch Buttons
OTB BANNER-OTB Datasheet
388Kb / 6P
Momentary Action Optical Touch Buttons
Rev. H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com