Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2012P5 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTR2012P5
Description  100V INPUT, 12V 40mA REGULATOR TRANSISTOR POWERDI짰5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012P5 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTR2012P5 Datasheet HTML 1Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 2Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 3Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 4Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 5Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 6Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 7Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
ZXTR2012P5
Document number: DS36766 Rev. 1 – 2
2 of 8
www.diodes.com
December 2013
© Diodes Incorporated
ZXTR2012P5
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Input Supply Voltage
VIN
-0.3 to 100
V
Continuous Input & Output Current
IIN, IOUT
550
mA
Peak Pulsed Input & Output Current
IIM, IOM
2
A
Maximum Voltage applied to VOUT
VOUT(max)
18
V
Maximum Current at VIN = 48V (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Output Current
(Note 7)
IOUT
50
mA
Pulsed Output Current
(Note 8)
IOM
880
mA
(Note 9)
180
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
1.82
W
(Note 6)
0.94
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
55
°C/W
(Note 6)
107
Thermal Resistance, Junction to Lead
(Note 10)
RθJL
20
Thermal Resistance, Junction to Case
(Note 10)
RθJC
17.8
Recommended Operating Junction Temperature Range
TJ
-40 to +125
C
Maximum Operating Junction and Storage Temperature Range
TJ , TSTG
-65 to +150
ESD Ratings (Note 11)
Characteristics
Symbols
Value
Unit
JEDEC Class
Electrostatic Discharge – Human Body Model
ESD HBM
4000
V
3A
Electrostatic Discharge – Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the exposed VIN pad on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still
air conditions whilst operating in steady-state.
6. Same as note 5, except mounted on 15mm x 15mm 1oz copper.
7. Same as note 5, whilst operating at VIN = 48V. Refer to Safe Operating Area for other Input Voltages.
8. Same as note 5, except measured with a single pulse width = 100µs and VIN = 48V.
9. Same as note 5, except measured with a single pulse width = 10ms and VIN = 48V.
10.
RθJL = Thermal resistance from junction to solder-point (on the exposed VIN pad).
RθJC = Thermal resistance from junction to the top of case.
11. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com