Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2012P5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR2012P5
Description  100V INPUT, 12V 40mA REGULATOR TRANSISTOR POWERDI짰5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012P5 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR2012P5 Datasheet HTML 1Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 2Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 3Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 4Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 5Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 6Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 7Page - Diodes Incorporated ZXTR2012P5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
ZXTR2012P5
Document number: DS36766 Rev. 1 – 2
4 of 8
www.diodes.com
December 2013
© Diodes Incorporated
ZXTR2012P5
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage (Note 12)
VOUT
10.8
12
13.2
V
VIN = 48V, IOUT = 15mA
Line Regulation (Notes 12 & 13)
∆VOUT
—
240
750
mV
VIN = 15 to 72V , IOUT = 15mA
Temperature Coefficient
∆VOUT/∆T
—
8.0
—
mV/°C
TJ = -40°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Notes 12 & 14)
∆VOUT
—
-450
-600
-600
-750
mV
IOUT = 0.1 to 30mA, VIN = 48V
IOUT = 0.1 to 100mA, VIN = 48V
Minimum Value of Input Voltage Required
to Maintain Line Regulation
VIN(MIN)
15
—
—
V
—
Quiescent Current
IQ
—
240
590
400
900
µA
VIN = 48V, IOUT = 10µA
VIN = 100V, IOUT = 10µA
Power Supply Rejection Ratio
∆VIN/∆VOUT
—
45
—
dB
COUT = 100nF, IOUT = 15mA,
VOUT = 12V, VIN =15 to 100V, f=100Hz
Notes:
12. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
13. Line regulation
∆VOUT = VOUT(@ VIN = 72V) – VOUT(@ VIN = 15V)
14. Load regulation
∆VOUT = VOUT(@ IOUT = 30mA) – VOUT(@ IOUT = 0.1mA)
∆VOUT = VOUT(@ IOUT = 100mA) – VOUT(@ IOUT = 0.1mA)
Typical Application Circuit
Pin Functions
Pin Name
Pin Function
Notes
VIN
Input Supply
To maintain output regulation the input voltage can vary from 15V to 100V with respect to the GND pin. It is
recommended to connect a 1µF capacitor to GND.
GND
Power Ground
This pin should be tied to the system ground.
VOUT
Voltage Output
Outputs a regulated 12V. It is recommended to connect a 10µF capacitor to GND. Minimum of 10µA must
be drawn from VOUT to maintain regulation. The pin can be pulled high to a maximum of 18V with respect to
ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com