Electronic Components Datasheet Search
  English  ▼

X  

AM4962 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4962
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4962 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4962 Datasheet HTML 2Page - Diodes Incorporated AM4962 Datasheet HTML 3Page - Diodes Incorporated AM4962 Datasheet HTML 4Page - Diodes Incorporated AM4962 Datasheet HTML 5Page - Diodes Incorporated AM4962 Datasheet HTML 6Page - Diodes Incorporated AM4962 Datasheet HTML 7Page - Diodes Incorporated AM4962 Datasheet HTML 8Page - Diodes Incorporated AM4962 Datasheet HTML 9Page - Diodes Incorporated AM4962 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
6
Absolute Maximum Ratings (Note 2)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Output Current
IOUT
1.0
A
Output Voltage
VOUT
18
V
HB Output Current
IHB
10
mA
RD Output Voltage
VRD
18
V
FG Output Voltage
VFG
18
V
RD Output Current
IRD
10
mA
FG Output Current
IFG
10
mA
SSOP-16
0.8
W
Power Dissipation
PD
HTSSOP-14
1.1
W
Storage Temperature Range
TSTG
-55 to 150
°C
SSOP-16
156
Thermal Resistance
(Junction to Ambient)
θ
JA
HTSSOP-14
114
°C/W
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Note 2: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
12
16
V
Hall Input Voltage + (Note 3)
VIN+
0.2
3
V
Hall Input Voltage - (Note 3)
VIN-
0.2
3
V
PWM High Level Voltage
VPWM
VCC-1
V
Ambient Temperature
TA
-30
90
°C
Note 3: Hall input voltage range includes the amplitude of signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com