Electronic Components Datasheet Search
  English  ▼

X  

AM4962 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AM4962
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4962 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AM4962 Datasheet HTML 8Page - Diodes Incorporated AM4962 Datasheet HTML 9Page - Diodes Incorporated AM4962 Datasheet HTML 10Page - Diodes Incorporated AM4962 Datasheet HTML 11Page - Diodes Incorporated AM4962 Datasheet HTML 12Page - Diodes Incorporated AM4962 Datasheet HTML 13Page - Diodes Incorporated AM4962 Datasheet HTML 14Page - Diodes Incorporated AM4962 Datasheet HTML 15Page - Diodes Incorporated AM4962 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
12
390K
560K
820K
1M
2.2M
4.7M
8.2M
0
20
40
60
80
100
R5 (Ω)
R1, R2, R3, R4, R6 open
0
10
20
30
40
5060708090
100
0
20
40
60
80
100
R6=100k, R1, R2, R3, R4, R5 Open
R6=270k, R1, R2, R3, R4, R5 Open
R1, R2, R3, R4, R5, R6 Open
Input PWM Duty Cycle (%)
0
10
203040
50
6070
8090
100
0
20
40
60
80
100
R5=270k, R1, R2, R3, R4, R6 Open
R5=560k, R1, R2, R3, R4, R6 Open
R1, R2, R3, R4, R5, R6 Open
Input PWM Duty Cycle (%)
Typical Application (Note 4, Continued)
Note 4 (Refer to application circuit 2 unless otherwise noted.):
Adjust slope K of output PWM's duty vs. input PWM's duty
1. The default K is about 0.8 (application circuit 1).
2. Adding R5 can increase K (see Figure 12).
3. Adding R6 can decrease K (see Figure 13).
Figure 12
Figure 13
Adjust minimum duty of output PWM:
1. The default minimum duty of output PWM is about 20% (application circuit 1, Figure 10).
2. Decreasing R2 can increase minimum output PWM duty (see Figure 14).
3. Adding R5 can decrease minimum output PWM duty (see Figure 15).
Figure 14
Figure 15
10
20
30
40
50
60
70
80
6.5k
6.0k
5.5k
5.0k
4.5k
4.0k
R2 (Ω)
R1=15k,R3,R4,R5,R6 open
3.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com