Electronic Components Datasheet Search
  English  ▼

X  

AM4964GG Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AM4964GG
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964GG Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AM4964GG Datasheet HTML 10Page - Diodes Incorporated AM4964GG Datasheet HTML 11Page - Diodes Incorporated AM4964GG Datasheet HTML 12Page - Diodes Incorporated AM4964GG Datasheet HTML 13Page - Diodes Incorporated AM4964GG Datasheet HTML 14Page - Diodes Incorporated AM4964GG Datasheet HTML 15Page - Diodes Incorporated AM4964GG Datasheet HTML 16Page - Diodes Incorporated AM4964GG Datasheet HTML 17Page - Diodes Incorporated AM4964GG Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
14 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Applications Note (cont.)
Some of typical application
performance curves based on circuits above are shown below (R1 to R6 open, R8=8kΩ, R9=150kΩ).
Output PWM Duty vs. Input PWM Duty with R7 (180k)
Output PWM Duty vs. Input PWM Duty with R7 (390k)
24
26
28
30
32
34
36
38
40
42
44
46
0
20
40
60
80
100
Temperature (
oC)
R5=470K, R7=150K,
R8=8.52K, R9=130K
Input Duty
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
TH
TL
Output PWM Duty vs. Temperature
0
20
40
60
80
100
0
20
40
60
80
100
Low Temperature
High Temperature
Input Duty (%)
R7=180k
0
20
40
60
80
100
0
20
40
60
80
100
Low Temperature
High Temperature
Input Duty (%)
R7=390K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com