Electronic Components Datasheet Search
  English  ▼

X  

AM4964GG Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AM4964GG
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964GG Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AM4964GG Datasheet HTML 13Page - Diodes Incorporated AM4964GG Datasheet HTML 14Page - Diodes Incorporated AM4964GG Datasheet HTML 15Page - Diodes Incorporated AM4964GG Datasheet HTML 16Page - Diodes Incorporated AM4964GG Datasheet HTML 17Page - Diodes Incorporated AM4964GG Datasheet HTML 18Page - Diodes Incorporated AM4964GG Datasheet HTML 19Page - Diodes Incorporated AM4964GG Datasheet HTML 20Page - Diodes Incorporated AM4964GG Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
17 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Applications Note (cont.)
If lock detection causes device to enter output shutdown, the CT pin will discharge the C4 capacitor with IDHG provide tOFF period. The tOFF is the
time the device waits before next auto-restart. During tOFF period, the C4 is discharged for the high threshold, VCTH to low threshold VCTL at the
discharge current IDHG which is typically 0.2μA.
OFF
CTH
CT
CHG
The thresholds voltage and discharge current are fixed, therefore the tOFF time depends only on the value of C4.
OFF
For CT of 0.4
μs, t
OFF is 4.7s before the next auto restart.
Thermal Shutdown
AM4964 includes a thermal shutdown function. When the device junction temperature is higher than +176ºC typical, the thermal shutdown
function is triggered and the low side output transistors in H bridge driver will be turned off. When the IC junction temperature drops below +148ºC
typical, the device will recover.
Status Output - FG Output
The FG output pin is an open collector output which switches ON (pulled low) and OFF (pulled high with an external resistor) depending on the
magnetic phase of the motor. The external pull up resistor should be connected to the FG pin.
The FG pin has series resistors of
25Ω typical integrated in the FG output structure to increased robustness against reverse supply connection of
the FG to ground. The typical value for external pull-up on FG is 10k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com