Electronic Components Datasheet Search
  English  ▼

X  

AH41 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH41
Description  BIPOLAR HALL-EFFECT POSITION SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH41 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH41 Datasheet HTML 1Page - Diodes Incorporated AH41 Datasheet HTML 2Page - Diodes Incorporated AH41 Datasheet HTML 3Page - Diodes Incorporated AH41 Datasheet HTML 4Page - Diodes Incorporated AH41 Datasheet HTML 5Page - Diodes Incorporated AH41 Datasheet HTML 6Page - Diodes Incorporated AH41 Datasheet HTML 7Page - Diodes Incorporated AH41 Datasheet HTML 8Page - Diodes Incorporated AH41 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
BIPOLAR HALL-EFFECT POSITION SENSORS
AH41
Nov 2010
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
High
Low
B
HYS
0
S
N
Turn off
Turn on
Magnetic Flux Density (Gauss)
B
RP
V
OUT
B
OP
V
SAT
Electrical Characteristics
VCC =12V, TA =25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4
24
V
Supply Current
ICC
VCC=4V to 24V
6
9
mA
Output Leakage Current
IOL
VCE=14V
0.1
10
µA
Output Saturation Voltage
VSAT
IOUT =20mA
110
300
mV
Rise Time
tr
RL=820Ω
CL=20pF
200
ns
Fall Time
tf
RL=820Ω
CL=20pF
100
ns
Magnetic Characteristics (TA=25°C)
Parameter
Symbol
Grade
Min
Typ
Max
Unit
A
30
75
Operating Point
BOP
B
5
105
Gauss
A
-75
-30
Releasing Point
BRP
B
-105
-5
Gauss
Hysteresis
BHYS
80
110
140
Gauss



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com