Electronic Components Datasheet Search
  English  ▼

X  

AH41 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH41
Description  BIPOLAR HALL-EFFECT POSITION SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH41 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH41 Datasheet HTML 2Page - Diodes Incorporated AH41 Datasheet HTML 3Page - Diodes Incorporated AH41 Datasheet HTML 4Page - Diodes Incorporated AH41 Datasheet HTML 5Page - Diodes Incorporated AH41 Datasheet HTML 6Page - Diodes Incorporated AH41 Datasheet HTML 7Page - Diodes Incorporated AH41 Datasheet HTML 8Page - Diodes Incorporated AH41 Datasheet HTML 9Page - Diodes Incorporated AH41 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
BIPOLAR HALL-EFFECT POSITION SENSORS
AH41
Nov 2010
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
7
0369
12
15
18
21
24
0
1
2
3
4
5
6
7
Supply Voltage(V)
T
A
=25
oC
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
Ambient Temperature (
oC)
V
CC
=12V
-40
-20
0
20406080
100
120
140
-100
-50
0
50
100
150
200
Ambient Temperature (
oC)
B
OP
B
RP
B
HYS
Typical Performance Characteristics
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Supply Current vs. Ambient Temperature
Figure 7. BOP/BRP/BHYS vs. Supply Voltage
Figure 8. BOP/BRP/BHYS vs. Ambient Temperature
4
8
12
16
20
24
-300
-200
-100
0
100
200
300
400
Supply Voltage (V)
B
OP
B
RP
B
HYS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com