Electronic Components Datasheet Search
  English  ▼

X  

74HC05 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74HC05
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC05 Datasheet(HTML) 3 Page - Diodes Incorporated

  74HC05 Datasheet HTML 1Page - Diodes Incorporated 74HC05 Datasheet HTML 2Page - Diodes Incorporated 74HC05 Datasheet HTML 3Page - Diodes Incorporated 74HC05 Datasheet HTML 4Page - Diodes Incorporated 74HC05 Datasheet HTML 5Page - Diodes Incorporated 74HC05 Datasheet HTML 6Page - Diodes Incorporated 74HC05 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74HC05
Document number: DS35321 Rev. 3 - 2
3 of 7
www.diodes.com
January 2013
© Diodes Incorporated
74HC05
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 5)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V or Vi > VCC + 0.5V
±20
mA
IOK
Output Clamp Current
VO < -0.5V or VO > VCC + 0.5V
±20
mA
IO
Continuous Output Current - 0.5V < VO VCC + 0.5V
+/- 25
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
5. Input Voltage cannot exceed VCC to the extent the Maximum clamp current is exceeded
Recommended Operating Conditions (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
6.0
V
VI
Input Voltage
0
Vcc
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input transition rise or fall rate
VCC = 2.0V
625
ns/V
VCC = 4.5V
140
VCC = 6.0V
85
TA
Operating free-air temperature
-40
+125
°C
Note: 6. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input
Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Low-level input
voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
VOL
Low-level Output
Voltage
IOL = 20μA
2.0V
0.1
0.1
V
IOL = 20μA
4.5V
0.1
0.1
IOL = 20μA
6.0V
0.1
0.1
IOL = 4mA
4.5V
0.33
0.44
IOL = 5.2mA
6.0V
0.33
0.44
IOZ
Z State
Leakage Current
VO =0 to 6.0V
VI =GND or 6.0V
6.0V
± 5.0
± 10
μA
II
Input Current
VI =GND to 5.5V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC,
IO=0
6.0V
20
40
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com