Electronic Components Datasheet Search
  English  ▼

X  

74HC05 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74HC05
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC05 Datasheet(HTML) 4 Page - Diodes Incorporated

  74HC05 Datasheet HTML 1Page - Diodes Incorporated 74HC05 Datasheet HTML 2Page - Diodes Incorporated 74HC05 Datasheet HTML 3Page - Diodes Incorporated 74HC05 Datasheet HTML 4Page - Diodes Incorporated 74HC05 Datasheet HTML 5Page - Diodes Incorporated 74HC05 Datasheet HTML 6Page - Diodes Incorporated 74HC05 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74HC05
Document number: DS35321 Rev. 3 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
74HC05
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50 pF
2.0V
—
25
90
115
125
ns
4.5V
—
9
18
23
27
6.0V
—
7
15
20
23
tt
Transition time
Figure 1
CL = 50 pF
2.0V
—
19
75
95
110
ns
4.5V
—
7
15
19
22
6.0V
—
6
13
16
19
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power dissipation
capacitance per gate
f = 1 MHz
22
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
2.0V to 6.0V
VCC
≤6ns
VCC/2
2 X VCC
50 pF
2 KΩ
10% of Vcc
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C.The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD.
E. tPZL is measured at VM.
F. tPLZ is measured at VOL +V∆.
D. A Thevenin equivalent load may be used in place of VCC X 2 and resistor divider.
Figure 1 Load Circuit and Voltage Waveforms
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com