Electronic Components Datasheet Search
  English  ▼

X  

DS1809Z Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1809Z
Description  64-Position Linear Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1809Z Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1809Z Datasheet HTML 1Page - Maxim Integrated Products DS1809Z Datasheet HTML 2Page - Maxim Integrated Products DS1809Z Datasheet HTML 3Page - Maxim Integrated Products DS1809Z Datasheet HTML 4Page - Maxim Integrated Products DS1809Z Datasheet HTML 5Page - Maxim Integrated Products DS1809Z Datasheet HTML 6Page - Maxim Integrated Products DS1809Z Datasheet HTML 7Page - Maxim Integrated Products DS1809Z Datasheet HTML 8Page - Maxim Integrated Products DS1809Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
19-7387; Rev 4/14
FEATURES
 64-Position Linear Taper
 Two Nonvolatile Wiper Storage Options
 Operates from +4.5V to +5.5V Supplies
 Operating Temperature Range:
- Industrial: -40
°C to +85°C
 Electronic Interface Provides Either Digital
or Pushbutton Control
 Low-Cost Alternative to Mechanical
Solutions
 Standard Resistance Values
- DS1809-010
10k
Ω
- DS1809-050
50k
Ω
- DS1809-100
100k
Ω
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
- Supply Voltage
RH
- High End of Resistor
RL
- Low End of Resistor
RW
- Wiper Terminal
UC
- Up Control Input
DC
- Down Control Input
STR
- Storage Enable Input
GND
- Ground
DESCRIPTION
The DS1809 Dallastat is a nonvolatile digitally controlled potentiometer that provides 64 uniform wiper
positions over the entire resistor range; including the high-end and low-end terminals of the device. The
DS1809 is a low-power device capable of operating from power supplies of +4.5V to +5.5V. The device
is ideal for low-power, portable, or battery powered applications.
Wiper position is maintained in the absence of power. This is accomplished via the use of an EEPROM
cell array. The device provides for two storage methods, which include an autostore capability and a
command-initiated storage function. The EEPROM cell array is specified to accept greater than 50k
writes. Storage of the wiper position is discussed in the Wiper Storage section of this data sheet.
Wiper positioning is controlled via a dual pushbutton (or contact closure) interface. For simple
pushbutton-controlled applications or CPU-generated control signals, external debounce circuitry is not
needed. The control interface will support both repetitive pulse inputs and continuous pulse (“push-and-
hold”) inputs. Repetitive pulse and continuous pulse control as well as timing diagrams are discussed in
the Operation.
The DS1809 is available in standard 10 k
Ω, 50 kΩ, and 100 kΩ resistor versions. The DS1809 is
provided as an industrial temperature grade part only. Available packaging for the DS1809 include an 8-
lead (300-mil) PDIP, an 8-lead (150-mil) SO, and an 8-lead (118-mil)
µSOP.
DS1809
Dallastat
RH
1
8
VCC
UC
2
7
DC
STR
3
6
RW
RL
4
5
GND
PDIP (300 mils)
SO (150 mils)
μSOP (118 mils)


Similar Part No. - DS1809Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1809Z-010 DALLAS-DS1809Z-010 Datasheet
87Kb / 8P
Dallastat, 64-position linear taper
DS1809Z-050 DALLAS-DS1809Z-050 Datasheet
87Kb / 8P
Dallastat, 64-position linear taper
DS1809Z-100 DALLAS-DS1809Z-100 Datasheet
87Kb / 8P
Dallastat, 64-position linear taper
More results

Similar Description - DS1809Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1809 DALLAS-DS1809 Datasheet
87Kb / 8P
Dallastat, 64-position linear taper
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
Four linear-taper digitally programmable potentiometers
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Panasonic Semiconductor
EVAW7 PANASONIC-EVAW7 Datasheet
110Kb / 3P
Linear Position Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com