Electronic Components Datasheet Search
  English  ▼

X  

DS1809Z Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1809Z
Description  64-Position Linear Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1809Z Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1809Z Datasheet HTML 2Page - Maxim Integrated Products DS1809Z Datasheet HTML 3Page - Maxim Integrated Products DS1809Z Datasheet HTML 4Page - Maxim Integrated Products DS1809Z Datasheet HTML 5Page - Maxim Integrated Products DS1809Z Datasheet HTML 6Page - Maxim Integrated Products DS1809Z Datasheet HTML 7Page - Maxim Integrated Products DS1809Z Datasheet HTML 8Page - Maxim Integrated Products DS1809Z Datasheet HTML 9Page - Maxim Integrated Products DS1809Z Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS1809
6 of 10
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature Range
-40°C to +85°C; industrial
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+4.5
5.5
V
1
Resistor Inputs
RL,RH,RW
GND-0.5
VCC+0.5
V
2
GND
GND
GND
GND
1
DC ELECTRICAL CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current Active
ICC
500
1000
μA
5
Standby Current
ISTBY
25
μA
6
Logic Input High
VIH
+2.0
VCC+0.5
V
6,11
Logic Input Low
VIL
-0.5
+0.8
+0.6
V
6,11
Input Leakage
IIL
-1
+1
μA
3
Wiper resistance
RWIPER
400
Ω
Wiper Current
IW
1
mA
Storage Pin Current (STR)
ISP
5
8
μA
12,18
Wiper Storage Time
tWST
4
ms
19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com