Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # BLE121LR
Description  Bluetooth v. 4.0 Single Mode Compliant
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE121LR Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button BLE121LR Datasheet HTML 21Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 22Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 23Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 24Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 25Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 26Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 27Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 28Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Bluegiga Technologies Oy
Page 26 of 29
The I
2C module provides a digital peripheral connection with two pins and supports both master and slave
operation. I
2C support is compliant with the NXP I2C specification version 2.1 and supports standard mode
(up to 100 kbps) and fast mode (up to 400 kbps). In addition, 7-bit device addressing modes are supported, as
well as master and slave modes..
The ultralow-power analog comparator enables applications to wake up from PM2 or PM3 based on an analog
signal. Both inputs are brought out to pins; the reference voltage must be provided externally. The comparator
output is connected to the I/O controller interrupt detector and can be treated by the MCU as a regular I/O pin
interrupt.
RF front end
RF front end includes balun, power amplifier, low noise amplifier, band pass filter, and a ceramic chip antenna
with matching network. Optimal matching combined with effective low pass filter provides extremely low in-
band spurious emissions and harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com