Electronic Components Datasheet Search
  English  ▼

X  

IR2235 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2235
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2235 Datasheet(HTML) 2 Page - International Rectifier

  IR2235 Datasheet HTML 1Page - International Rectifier IR2235 Datasheet HTML 2Page - International Rectifier IR2235 Datasheet HTML 3Page - International Rectifier IR2235 Datasheet HTML 4Page - International Rectifier IR2235 Datasheet HTML 5Page - International Rectifier IR2235 Datasheet HTML 6Page - International Rectifier IR2235 Datasheet HTML 7Page - International Rectifier IR2235 Datasheet HTML 8Page - International Rectifier IR2235 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
2
www.irf.com
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All volt-
age parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation
ratings are measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltages referenced to COM. The VS offset rating is
tested with all supplies biased at 15V differential.
Note 1: Logic operational for VS of COM - 5V to COM + 600V/1200V. Logic state held for VS of COM -5V to COM -VBS. (Please refer to the Design Tip
DT97-3 for more details).
Note 2: All input pins, op amp input and output pins are internally clamped with a 5.2V zener diode.
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
(IR2133/IR2135)
-0.3
625
(IR2233/IR2235)
-0.3
1225
VS1,2,3
High side floating supply offset voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN, ITRIP, SD & FLT-CLR)
VSS - 0.3
(VSS + 15) or
(VCC + 0.3)
whichever is
lower
VIN,AMP
Op amp input voltage (CA+ & CA-)
VSS - 0.3
VCC + 0.3
VOUT,AMP Op amp output voltage (CAO)
VSS - 0.3
VCC + 0.3
VFLT
FAULT output voltage
VSS - 0.3
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
—
50
PD
Package power dissipation @ TA
≤ 25ºC (28 Lead PDIP)
—
1.5
(28 Lead SOIC)
—
1.6
(44 lead PLCC)
—
2.0
RthJA
Thermal resistance, junction to ambient
(28 Lead PDIP)
—
83
(28 Lead SOIC)
—
78
(44 lead PLCC)
—
63
TJ
Junction temperature
—
125
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds
—
300
ºC
W
VB1,2,3
High side floating supply voltage
VS1,2,3 + 10/12 VS1,2,3 + 20
VS1,2,3
High side floating supply offset voltage (IR2133/IR2135)
Note 1
600
(IR2233/IR2235)
Note 1
1200
VHO1,2,3
High side floating output voltage
VS1,2,3
VB1,2,3
VCC
Fixed supply voltage
10 or 12
20
VSS
Low side driver return
-5
5
VLO1,2,3
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN, LIN, ITRIP, SD & FLT-CLR)
VSS
VSS + 5
VIN,AMP
Op amp input voltage (CA+ & CA-)
VSS
VSS + 5
VOUT,AMP
Op amp output voltage (CAO)
VSS
VSS + 5
VFLT
FAULT output voltage
VSS
VCC
V
Symbol
Parameter Definition
Min.
Max.
Units
V/ns
V
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com