Electronic Components Datasheet Search
  English  ▼

X  

IR2235 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2235
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2235 Datasheet(HTML) 4 Page - International Rectifier

  IR2235 Datasheet HTML 1Page - International Rectifier IR2235 Datasheet HTML 2Page - International Rectifier IR2235 Datasheet HTML 3Page - International Rectifier IR2235 Datasheet HTML 4Page - International Rectifier IR2235 Datasheet HTML 5Page - International Rectifier IR2235 Datasheet HTML 6Page - International Rectifier IR2235 Datasheet HTML 7Page - International Rectifier IR2235 Datasheet HTML 8Page - International Rectifier IR2235 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
4
www.irf.com
Static Electrical Characteristics — Continued
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified and TA = 25oC. All static parameters other than IO and VO
are referenced to VSS and are applicable to all six channels (HS1,2,3 & LS1,2,3). The VO and IO parameters are
referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
µA
Symbol
PW
≤ 10 µs
Parameter Definition
Min. Typ. Max. Units
Test Conditions
IFLTCLR+ “High” Fault Clear Input Bias Current
—
200
350
FLT-CLR = 0V
IFLTCLR- “Low” Fault Clear Input Bias Current
—
100
250
FLT-CLR = 5V
VBSUV+
VBS Supply Undervoltage Positive Going Threshold
(for IR2133/IR2233)
7.6
8.6
9.6
(for IR2135/IR2235)
9.2
10.4
11.6
VBSUV-
VBS Supply Undervoltage Negative Going Threshold
(for IR2133/IR2233)
7.2
8.2
9.2
(for IR2135/IR2235)
8.3
9.4
10.5
VBSUVH
VBS Supply Undervoltage Lockout Hysteresis
(for IR2133/IR2233)
—
0.4
—
(for IR2135/IR2235)
—
1
—
VCCUV+
VCC Supply Undervoltage Positive Going Threshold
(for IR2133/IR2233)
7.6
8.6
9.6
(for IR2135/IR2235)
9.2
10.4
11.6
VCCUV-
VCC Supply Undervoltage Negative Going Threshold
(for IR2133/IR2233)
7.2
8.2
9.2
(for IR2135/IR2235)
8.3
9.4
10.5
VCCUVH
VCC Supply Undervoltage Lockout Hysteresis
(for IR2133/IR2233)
—
0.4
—
(for IR2135/IR2235)
—
1
—
Ron,FLT
FAULT- Low On Resistance
—
70
100
Ω
IO+
Output High Short Circuit Pulsed Current
200
250
—
VOUT = 0V, VIN = 0V
IO-
Output Low Short Circuit Pulsed Current
420
500
—
VOUT = 15V, VIN = 5V
VOS
Amplifier Input Offset Voltage
—
0
30
mV
CA+=0.2V, CA-=CAO
IIN,AMP
Amplifier Input Bias Current
—
—
4
nA
CA+ = CA- = 2.5V
CMRR
Amplifier Common Mode Rejection Ratio
50
70
—
CA+ = 0.1V & 5V, CA- = CAO
PSRR
Amplifier Power Supply Rejection Ratio
50
70
—
CA+=0.2V, CA-=CAO
VOH,Amp Amplifier High Level Output Voltage
5
5.2
5.4
V
CA+ = 1V, CA- = 0V
VOL,Amp
Amplifier Low Level Output Voltage
—
—
20
mV
CA+ = 0V, CA- = 1V
ISRC,Amp Amplifier Output Source Current
4
7
—
CA+ = 1V, CA- = 0V, CAO = 4V
ISNK,Amp Amplifier Output Sink Current
0.5
1
—
CA+ = 0V, CA- = 1V, CAO = 2V
IO+,Amp
Amplifier Output High Short Circuit Current
—
10
—
CA+ = 5V, CA- = 0V, CAO = 0V
IO-,Amp
Amplifier Output Low Short Circuit Current
—
4
—
CA+ = 0V, CA- = 5V, CAO = 5V
mA
VCC = 10V & 20V
dB
mA
PW
≤ 10 µs
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com