Electronic Components Datasheet Search
  English  ▼

X  

LMP8601Q Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP8601Q
Description  LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601Q Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP8601Q Datasheet HTML 17Page - Texas Instruments LMP8601Q Datasheet HTML 18Page - Texas Instruments LMP8601Q Datasheet HTML 19Page - Texas Instruments LMP8601Q Datasheet HTML 20Page - Texas Instruments LMP8601Q Datasheet HTML 21Page - Texas Instruments LMP8601Q Datasheet HTML 22Page - Texas Instruments LMP8601Q Datasheet HTML 23Page - Texas Instruments LMP8601Q Datasheet HTML 24Page - Texas Instruments LMP8601Q Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RSENSE
ICharge
LOAD
Charger
ILoad
ICharge - ILoad
VS
C1
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
LMP8601, LMP8601Q
www.ti.com
SNOSAR2D – SEPTEMBER 2008 – REVISED OCTOBER 2009
K2 = 2
Figure 13. Battery Current Monitor Application
ADVANCED BATTERY CHARGER APPLICATION
The above circuit can be used to realize an advanced battery charger that has the capability to monitor the exact
net current that flows in and out the battery as show in Figure 14. The output signal of the LMP8601/LMP8601Q
is digitized with the A/D converter and used as an input for the charge controller. The Charge controller can me
used to regulate the charger circuit to deliver exactly the current that is required by the load, avoiding
overcharging a fully loaded battery
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP8601 LMP8601Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com