Electronic Components Datasheet Search
  English  ▼

X  

LMP8601Q Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8601Q
Description  LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601Q Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8601Q Datasheet HTML 9Page - Texas Instruments LMP8601Q Datasheet HTML 10Page - Texas Instruments LMP8601Q Datasheet HTML 11Page - Texas Instruments LMP8601Q Datasheet HTML 12Page - Texas Instruments LMP8601Q Datasheet HTML 13Page - Texas Instruments LMP8601Q Datasheet HTML 14Page - Texas Instruments LMP8601Q Datasheet HTML 15Page - Texas Instruments LMP8601Q Datasheet HTML 16Page - Texas Instruments LMP8601Q Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CMRR (dB)
30
25
20
15
10
5
0
80
90
100
110
120
130
140
-40°C
25°C
125°C
VS = 3.3V
6000 parts
CMRR (dB)
30
25
20
15
10
5
0
80
90
100
110
120
130
140
-40°C
25°C
125°C
VS = 5V
6000 parts
GAIN ERROR (%)
20
15
10
5
0
-0.50
-0.25
0.00
0.25
0.50
-40°C
25°C
125°C
VS = 3.3V
6000 parts
GAIN ERROR (%)
20
15
10
5
0
-0.50
-0.25
0.00
0.25
0.50
-40°C
25°C
125°C
VS = 5V
6000 parts
LMP8601, LMP8601Q
www.ti.com
SNOSAR2D – SEPTEMBER 2008 – REVISED OCTOBER 2009
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TA = 25°C, VS = 5V, GND = 0V, −22 ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) connected to VS, 10nF between VS and GND.
Gain error Distribution at VS = 3.3V
Gain error Distribution at VS = 5V
CMRR Distribution at VS = 3.3V
CMRR Distribution at VS = 5V
APPLICATION INFORMATION
GENERAL
The LMP8601 and LMP8601Q are fixed gain differential voltage precision amplifiers with a gain of 20x and a -
22V to +60V input common mode voltage range when operating from a single 5V supply or a -4V to +27V input
common mode voltage range when operating from a single 3.3V supply. The LMP8601 and LMP8601Q are
members of the LMP family and are ideal parts for unidirectional and bidirectional current sensing applications.
Because of the proprietary chopping level-shift input stage the LMP8601/LMP8601Q achieve very low offset,
very low thermal offset drift, and very high CMRR. The LMP8601 and LMP8601Q will amplify and filter small
differential signals in the presence of high common mode voltages.
The LMP8601/LMP8601Q use level shift resistors at the inputs. Because of these resistors, the
LMP8601/LMP8601Q can easily withstand very large differential input voltages that may exist in fault conditions
where some other less protected high-performance current sense amplifiers might sustain permanent damage.
PERFORMANCE GUARANTIES
To guaranty the high performance of the LMP8601/ LMP8601Q, all minimum and maximum values shown in the
parameter tables of this data sheet are 100% tested where all bold limits are also 100% tested over temperature.
THEORY OF OPERATION
The schematic shown in Figure 3 gives a schematic representation of the internal operation of the
LMP8601/LMP8601Q.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8601 LMP8601Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com