Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments LMP8640 Datasheet HTML 15Page - Texas Instruments LMP8640 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
+IN
-IN
V
+
Rs
V
-
RG = 2*RIN
VOUT
LMP8640
RIN
RIN
Is
+
-
L
o
a
d
VSENSE
G
IG
LMP8640
LMP8640HV
SNOSB28D – AUGUST 2010 – REVISED NOVEMBER 2011
www.ti.com
APPLICATION INFORMATION
GENERAL
The LMP8640 and LMP8640HV are single supply high side current sense amplifiers with a fixed gain of 20V/V,
50V/V, 100V/V and a common mode voltage range of -2V to 42V or -2V to 76V depending on the grade.
THEORY OF OPERATION
As seen from the picture below, the current flowing through RS develops a voltage drop equal to VSENSE across
RS. The high impedance inputs of the amplifier doesn’t conduct this current and the high open loop gain of the
sense amplifier forces its non-inverting input to the same voltage as the inverting input. In this way the voltage
drop across RIN matches VSENSE. A current proportional to IS according to the following relation:
IG = VSENSE/RIN = RS*IS/RIN ,
(1)
flows entirely in the internal gain resistor RG developing a voltage drop equal to
VRG = IG *RG = (VSENSE/RIN) *RG = ((RS*IS)/RIN)*RG
(2)
This voltage is buffered and showed at the output with a very low impedance allowing a very easy interface of
the LMP8640 with other ICs (ADC, µC…).
VOUT = 2*(RS*IS)*G,
(3)
where G=RG/RIN = 10V/V, 25V/V, 50V/V, according to the gain options.
Figure 25. Current Monitor
SELECTION OF THE SHUNT RESISTOR
The value chosen for the shunt resistor, RS, depends on the application. It plays a big role in a current sensing
system and must be chosen with care. The selection of the shunt resistor needs to take in account the small-
signal accuracy, the power dissipated and the voltage loss across the shunt itself. In applications where a small
current is sensed, a bigger value of RS is selected to minimize the error in the proportional output voltage. Higher
resistor value improves the SNR at the input of the current sense amplifier and hence gives an accurate output.
Similarly when high current is sensed, the power losses in RS can be significant so a smaller value of RS is
suggested. In this condition is required to take in account also the power rating of RS resistor. The low input
offset of the LMP8640 allows the use of small sense resistors to reduce power dissipation still providing a good
input dynamic range. The input dynamic range is the ratio expressed in dB between the maximum signal that can
be measured and the minimum signal that can be detected, usually the input offset is the principal limiting factor.
12
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com