Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments LMP8640 Datasheet HTML 15Page - Texas Instruments LMP8640 Datasheet HTML 16Page - Texas Instruments LMP8640 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
+IN
-IN
V
+
RS
V
-
RG = 2*RIN
VOUT
LMP8640
RIN
RIN
IS
+
-
L
o
a
d
ADC
VA
G
RF
CF
LMP8640
LMP8640HV
www.ti.com
SNOSB28D – AUGUST 2010 – REVISED NOVEMBER 2011
DRIVING ADC
The input stage of an Analog to Digital converter can be modeled with a resistor and a capacitance versus
ground. So if the voltage source doesn't have a low impedance an error in the amplitude's measurement will
occur. In this case a buffer is needed to drive the ADC. The LMP8640 has an internal output buffer able to drive
a capacitance load up to 30 pF or the input stage of an ADC. If required an external low pass RC filter can be
added at the output of the LMP8640 to reduce the noise and the bandwidth of the current sense.
Figure 26. LMP8640 to ADC Interface
DESIGN EXAMPLE
For example in a current monitor application is required to measure the current sunk by a load (peak current
10A) with a resolution of 10mA and 0.5% of accuracy. The 10bit analog to digital converter accepts a max input
voltage of 4.1V. Moreover in order to not burn much power on the shunt resistor it needs to be less than 10m
Ω.
In the table below are summarized the other working condition.
Value
Working Condition
Min
Max
Supply Voltage
5V
5.5V
Common mode Voltage
48V
70V
Temperature
0°C
70°C
Signal BW
50kHz
First step – LMP8640 / LMP8640HV selection
The required common mode voltage of the application implies that the right choice is the LMP8640HV (High
common mode voltage up tp 76V).
Second step – Gain option selection
We can choose between three gain option (20V/V, 50V/V, 100V/V). considering the max input voltage of the
ADC (4.1V) , the max Sense voltage across the shunt resistor is evaluated according the following formula:
VSENSE= (MAX Vin ADC) / Gain;
hence the max VSENSE will be 205mV, 82mV, 41mV respectively. The shunt resistor are then evaluated
considering the maximum monitored current :
RS = (max VSENSE) / I_MAX
For each gain option the max shunt resistors are the following : 20.5m
Ω, 8.2mΩ, 4.1mΩ respectively.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8640 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com