Electronic Components Datasheet Search
  English  ▼

X  

74AHC08 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74AHC08
Description  QUADRUPLE 2-INPUT AND GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC08 Datasheet(HTML) 2 Page - Diodes Incorporated

  74AHC08 Datasheet HTML 1Page - Diodes Incorporated 74AHC08 Datasheet HTML 2Page - Diodes Incorporated 74AHC08 Datasheet HTML 3Page - Diodes Incorporated 74AHC08 Datasheet HTML 4Page - Diodes Incorporated 74AHC08 Datasheet HTML 5Page - Diodes Incorporated 74AHC08 Datasheet HTML 6Page - Diodes Incorporated 74AHC08 Datasheet HTML 7Page - Diodes Incorporated 74AHC08 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AHC08
Document number: DS35341 Rev. 3 - 2
2 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC08
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1B
Data Input
3
1Y
Data Output
4
2A
Data Input
5
2B
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3B
Data Input
11
4Y
Data Output
12
4A
Data Input
13
4B
Data Input
14
VCC
Supply Voltage
Function Table
Inputs
Output
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IOK
Output Clamp Current VO < -0.5V
-20
mA
IOK
Output Clamp Current
VO > VCC +0.5V
25
mA
IO
Continuous Output Current - 0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through VCC
75
mA
IGND
Continuous Current Through GND
-75
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com