Electronic Components Datasheet Search
  English  ▼

X  

74AHC08 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHC08
Description  QUADRUPLE 2-INPUT AND GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC08 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHC08 Datasheet HTML 1Page - Diodes Incorporated 74AHC08 Datasheet HTML 2Page - Diodes Incorporated 74AHC08 Datasheet HTML 3Page - Diodes Incorporated 74AHC08 Datasheet HTML 4Page - Diodes Incorporated 74AHC08 Datasheet HTML 5Page - Diodes Incorporated 74AHC08 Datasheet HTML 6Page - Diodes Incorporated 74AHC08 Datasheet HTML 7Page - Diodes Incorporated 74AHC08 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC08
Document number: DS35341 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC08
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.5
7.9
0.5
9.5
0.5
10.0
ns
4.5V to 5.5V
0.5
3.2
5.5
0.5
6.5
0.5
7.0
Figure 1
C L = 50pF
3.0V to 3.6V
0.5
6.0
11.4
0.5
13.0
0.5
14.5
4.5V to 5.5V
0.5
4.5
7.5
0.5
8.5
0.5
9.5
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V -3.6V
VCC
3ns
VCC/2
15pF, 50pF
4.5V to 5.5V
VCC
3ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com