Electronic Components Datasheet Search
  English  ▼

X  

NCC Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCC
Description  Surface Mount Common Mode Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCC Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCC Datasheet HTML 1Page - NIC-Components Corp. NCC Datasheet HTML 2Page - NIC-Components Corp. NCC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Common Mode Choke
NCC Series
21.0
±0.8
9.0 ± 0.5
13.0±0.2
2.0 ± 0.5
Series
A ± 0.1 B ± 0.1 E ± 0.1 F ± 0.05 P0 ± 0.1 P1 ± 0.1 D ± 0.1 W ± 0.1 t1 ± 0.05 t2 ± 0.1
Reel Quantity
NCC0805
1.50
2.35
1.75
3.5
4.0
4.0
1.5
8.0
0.22
1.45
2,000
NCC1206
1.88
3.50
2.10
D
φ
P
1
t
1
t
2
A
P
0
Sprocket Hole
Cover Tape
REEL QUANTITY: 2,000 per reel
(0805 & 1206 case size)
RECOMMENDED REFLOW SOLDERING PROFILE
50
100
150
200
250
Peak Temperature
(260°C for 10 sec.)
Time (Seconds)
150°C 60 sec.
C 60 sec.
25
RECOMMENDED FLOW SOLDERING PROFILE
50
100
150
200
250
Peak Temperature
(260°C for 10 sec.)
Over 120 Seconds
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com