Electronic Components Datasheet Search
  English  ▼

X  

NCC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCC
Description  Surface Mount Common Mode Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCC Datasheet HTML 1Page - NIC-Components Corp. NCC Datasheet HTML 2Page - NIC-Components Corp. NCC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Common Mode Choke
NCC Series
NIC Part Number
Impedance
(
Ω)
Test
Frequency
(MHz)
DC
Resistance
(
Ω max.)
DC Current
(mA max.)
Voltage
Rating (Vdc)
Withstanding
Voltage
(Vdc)
Insulation
Resistance
(
Ω)
NCC0805F300KTRF
30 ±25%
100
0.2
400
50
125
10Meg
NCC0805F670KTRF
67 ±25%
0.25
400
NCC0805F900KTRF
90 ±25%
0.3
400
NCC0805F121KTRF 120 ±25%
0.3
400
NCC0805F161JTRF 160 ±25%
0.35
350
NCC0805F181JTRF 180 ±25%
0.35
350
NCC0805F221HTRF 220 ±25%
0.4
300
NCC0805F221MTRF 220 ±25%
0.4
600
NCC0805F261HTRF 260 ±25%
0.4
300
NCC0805F301HTRF 300 ±25%
0.45
300
NCC0805F361FTRF 360 ±25%
0.5
100
NCC0805F371FTRF 370 ±25%
0.5
100
Case Size
0805
1206
Impedence Range
30~ 370 Ohms
30 ~ 2,200 Ohms
Available Tolerance
±25%
Temperature Range
-40°C ~ +125°C
Withstanding voltage
125VDC 30 seconds
Insulation Resistance
10M
Ω after application 50V for 30 seconds
Resistance to Solder Heat
260°C ±5°C for 10 seconds
Temperature Cycling
±25% of initial value after 10 cycles
(-40°C/+20°C/+125°C/+20°C)
• HIGH COMMON MODE IMPEDANCE AT HIGH FREQUENCY
• LOW PROFILE SURFACE MOUNT PACKAGE
• SHIELDED PROVIDING EXCELLENT NOISE SUPPRESSION
• SUITABLE FOR HIGH SPEED DIGITAL EQUIPMENT (USB/IEEE)
• Pb-FREE CONSTRUCTION
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
FEATURES
CHARACTERISTICS
NCC0805 SPECIFICATIONS
NCC 0805 F 300 K TR F
Pb-free/RoHS Compliant
Tape & Reel
Current Rating
Impedance value (ohms)
Material (Ferrite)
Case Code
Series
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NCC

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
logo
HolyStone International
NCC HOLYSTONECAPS-NCC Datasheet
211Kb / 2P
Normal Chip Capacitors
logo
Pro-Power
NCC-10 PROPOWER-NCC-10 Datasheet
122Kb / 1P
Cable Clamp
V1.0 25/09/13
NCC-12 PROPOWER-NCC-12 Datasheet
122Kb / 1P
Cable Clamp
V1.0 25/09/13
NCC-16 PROPOWER-NCC-16 Datasheet
122Kb / 1P
Cable Clamp
V1.0 25/09/13
More results

Similar Description - NCC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com