Electronic Components Datasheet Search
  English  ▼

X  

NFP Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NFP
Description  Surface Mount Multilayer Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFP Datasheet(HTML) 4 Page - NIC-Components Corp.

  NFP Datasheet HTML 1Page - NIC-Components Corp. NFP Datasheet HTML 2Page - NIC-Components Corp. NFP Datasheet HTML 3Page - NIC-Components Corp. NFP Datasheet HTML 4Page - NIC-Components Corp. NFP Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Surface Mount Multilayer Inductor
NFP Series
Termination Material:
Sn over NI barrier over Ag base
Body Composition:
Ferrite powder & Silver
Paste inner coils
w
L
H
P
P
A
A
B
C
Component
Solder
Pads
LAND PATTERN DIMENSIONS
Series
A
B
C
NFP0603
0.6 ~ 0.8
0.6 ~ 0.8
0.6 ~ 0.8
NFP0805
0.8 ~ 1.2
0.9 ~ 1.6
0.8 ~ 1.2
NFP0806
0.8 ~ 1.2
1.2 ~ 2.0
0.8 ~ 1.2
NPF1008
0.6 ~ 1.0
1.8 ~ 2.2
1.0 ~ 1.4
COMPOSITION
REFLOW SOLDERING PROFILE
ENVIRONMENTAL CHARACTERISTICS
Test
Specification
Test Method & Condition
Resistance to Soldering Heat
No Mechanical Damage
Inductance: ±20% of initial value
(parts should be stablized at
room temperature for 2 hours
prior to testing)
+260°C for 5 seconds
Low Frequency Vibration
Cycle 10Hz ~ 55Hz ~ 10Hz (1 minute), 2 hours each axis (X, Y, Z)
Thermal Shock
Cycle -40°C for 30 min. > +85°C 30 min., 100 cycles
Humidity
+60°C, 90% ~ 95%RH, 1,000 hours
Low Temperature Storage
-40°C for 1,000 hours
High Temperature Load Life
+85°C for 1,000 hours



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com