Electronic Components Datasheet Search
  English  ▼

X  

NFP Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NFP
Description  Surface Mount Multilayer Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFP Datasheet(HTML) 5 Page - NIC-Components Corp.

  NFP Datasheet HTML 1Page - NIC-Components Corp. NFP Datasheet HTML 2Page - NIC-Components Corp. NFP Datasheet HTML 3Page - NIC-Components Corp. NFP Datasheet HTML 4Page - NIC-Components Corp. NFP Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Surface Mount Multilayer Inductor
NFP Series
REEL DIMENSIONS (mm):
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
W
1.5
4.0
±0.1
K
A
1.5
4.0
±0.1
3.5
±0.05
2.0
±0.05
CARRIER DIMENSIONS & REEL QUANTITY (mm)
TYPE
Part Thickness
A
B
K max.
T max.
Carrier Material
Reel Qty
NFP0603
0.5
1.0 ± 0.2
1.8 ± 0.2
-
0.8
Paper
5,000
0.8
1.1
4,000
NFP0805
0.5
1.55 ± 0.10
2.30 ± 0.10
0.8
5,000
0.9
1.45
0.3
Plastic
3,000
1.25
1.75
NFP0806
0.9
1.90 ± 0.10
1.45
1.1
1.75
NFP1008
0.9
2.30 ± 0.10
2.80 ± 0.10
1.45
1.1
1.75
PAPER CARRIER DIMENSIONS (mm)
4.0 ±0.1
Sprocket Hole 1.5 +0.1/-0
T
A
4.0 ±0.1
2.0
±0.05
10.0
±1.5
13.0±0.5
2.45 ± 0.2
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com