Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
0.1
1
10
100
1000
f-Frequency-MHz
-4
-3
-2
-1
0
1
2
f − Frequency − MHz
0.01
0.1
1
10
100
0.1
1
10
100
1000
-60
-55
-50
-45
-40
-35
-30
-25
-20
0.1
1
10
100
1000
f-Frequency-MHz
R =200
V
=500mV
L
W
OD
PP
21
22
23
18
19
20
0
20
40
60
80
100
120
140
160
180
200
f-Frequency-MHz
50-
System
G=6dB
W
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
12
14
0
0.5
1
1.5
2
2.5
3
t-Time- ms
PD
Output
t − Time − ns
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
250
0
0.5
1
1.5
2
2.5
3
PD
O u t p u t
THS4513
www.ti.com
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS: VS+ – VS– = 3 V (continued)
Test conditions at VS+ = +1.5 V, VS– = –1.5V, CM = open, VOD = 1 VPP, RF = 348 Ω, RL = 200-Ω differential, G = 0 dB, single-
ended input, and input and output referenced to midsupply, unless otherwise noted.
TURN-OFF TIME
TURN-ON TIME
Figure 63.
Figure 64.
OUTPUT BALANCE ERROR vs FREQUENCY
NOISE FIGURE vs FREQUENCY
Figure 65.
Figure 66.
CM SMALL-SIGNAL FREQUENCY RESPONSE
CM INPUT IMPEDANCE vs FREQUENCY
Figure 67.
Figure 68.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: THS4513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com