Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 5 Page - Texas Instruments

  THS4513 Datasheet HTML 1Page - Texas Instruments THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
THS4513
www.ti.com
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3 V
Test conditions at VS+ = 1.5 V, VS– = –1.5 V, G = 0 dB, CM = open, VO = 1 VPP, RF = 348 Ω, RL = 200-Ω differential,
TA = +25°C, single-ended input, differential output, and input and output referenced to midsupply, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
TYP
UNIT
LEVEL(1)
AC PERFORMANCE
G = 0 dB, VO = 100 mVPP
1.6
GHz
Small-signal bandwidth
G = 6 dB, VO = 100 mVPP
1.3
GHz
Gain-bandwidth product
G = 6 dB
2.6
GHz
G = 0 dB, VO = 1 VPP
135
Bandwidth for 0-dB Flatness
MHz
G = 6 dB, VO = 1 VPP
450
Large-signal bandwidth
G = 10 dB, VO = 1 VPP
1.4
GHz
Slew rate (differential)
2700
V/
μs
Rise time
0.25
Fall time
1-V step
0.25
ns
Settling time to 1%
2.9
Settling time to 0.1%
16
f = 10 MHz
–116
2nd-order harmonic distortion
f = 50 MHz
–86
dBc
f = 100 MHz
–60
f = 10 MHz
–83
3rd-order harmonic distortion
f = 50 MHz
–61
dBc
f = 100 MHz
–49
fC = 70 MHz
–78
2nd-order intermodulation distortion
VO = 1 VPP
fC = 140 MHz
–55
200-kHz tone spacing,
dBc
fC = 70 MHz
–82
RL = 100 Ω
3rd-order intermodulation distortion
fC = 140 MHz
–65
fC = 70 MHz
70.2
2nd-order output intercept point
C
fC = 140 MHz
47
200-kHz tone spacing
dBm
RL = 100 Ω
fC = 70 MHz
32.7
3rd-order output intercept point
fC = 140 MHz
24.7
fC = 70 MHz
3
1-dB compression point
dBm
fC = 140 MHz
2
Noise figure
50-
Ω system, 10 MHz, G = 6 dB
19.8
dB
Input voltage noise
f > 10 MHz
3.3
nV/
√Hz
Input current noise
f > 10 MHz
1.7
pA/
√Hz
DC PERFORMANCE
Open-loop voltage gain (AOL)
68
dB
Input offset voltage
TA = +25°C
1
mV
Average offset voltage drift
TA = –40°C to +85°C
2.6
μV/°C
Input bias current
TA = +25°C
6
μA
Average bias current drift
TA = –40°C to +85°C
20
nA/°C
Input offset current
TA = +25°C
1.6
μA
Average offset current drift
TA = –40°C to +85°C
4
nA/°C
INPUT
Common-mode input range high
0.4
V
Common-mode input range low
–0.4
Common-mode rejection ratio
90
dB
Differential input impedance
1.3 || 1.8
M
Ω || pF
Common-mode input impedance
1.0 || 2.3
(1)
Test levels: (A) 100% tested at +25°C. Over-temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS4513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com