Electronic Components Datasheet Search
  English  ▼

X  

BMM150 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 26
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.5 Interrupt status register
Register (0x4A) contains the states of all interrupts.
Table 14: Interrupt status, register (0x4A)
(0x4A) Bit
Name
Description
Bit 7
Data overrun
Data overrun status flag
Bit 6
Overflow
Overflow status flag
Bit 5
High Int Z
High-Threshold interrupt z-axis status flag
Bit 4
High Int Y
High-Threshold interrupt y-axis status flag
Bit 3
High Int X
High-Threshold interrupt x-axis status flag
Bit 2
Low Int Z
Low-Threshold interrupt z-axis status flag
Bit 1
Low Int Y
Low-Threshold interrupt y-axis status flag
Bit 0
Low Int X
Low-Threshold interrupt x-axis status flag
5.6 Power and operation modes, self-test and data output rate control registers
Register (0x4B) contains control bits for power control, soft reset and interface SPI mode
selection. This special control register is also accessible in suspend mode.
Soft reset is executed when both bits (register 0x4B bit7 and bit1) are set “1”. Soft reset does
not execute a full POR sequence, but all registers are reset except for the “trim” registers above
register 0x54 and the power control register (0x4B). Soft reset always brings the device into
sleep mode. When device is in the suspend mode, soft reset is ignored and the device remains
in suspend mode. The two “Soft Reset” bits are reset to “0” automatically after soft reset was
completed. To perform a full POR reset, bring the device into suspend and then back into sleep
mode.
When SPI mode is selected, the “SPI3En” bit enables SPI 3-wire mode when set “1”. When
“SPI3En” is set “0” (default), 4-wire SPI mode is selected.
Setting the “Power Control bit” to “1” brings the device up from Suspend mode to Sleep mode,
when “Power Control bit” is set “0” the device returns to suspend mode (see chapter 4.2 for
details of magnetometer power modes).
Table 15: Power control, soft reset and SPI mode control register (0x4B)
(0x4B) Bit
Name
Description
Bit 7
Soft Reset ‘1’
One of the soft reset trigger bits.
Bit 6
-
(fixed to 0)
Bit 5
-
(fixed to 0)
Bit 4
-
(fixed to 0)
Bit 3
-
(fixed to 0)
Bit 2
SPI3en
Enable bit for SPI3 mode
Bit 1
Soft Reset ‘1’
One of the soft reset trigger bits.
Bit 0
Power Control bit
When set to “0”, suspend mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com