Electronic Components Datasheet Search
  English  ▼

X  

ZXRE330 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXRE330
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXRE330 Datasheet HTML 1Page - Diodes Incorporated ZXRE330 Datasheet HTML 2Page - Diodes Incorporated ZXRE330 Datasheet HTML 3Page - Diodes Incorporated ZXRE330 Datasheet HTML 4Page - Diodes Incorporated ZXRE330 Datasheet HTML 5Page - Diodes Incorporated ZXRE330 Datasheet HTML 6Page - Diodes Incorporated ZXRE330 Datasheet HTML 7Page - Diodes Incorporated ZXRE330 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
1 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Description
The ZXRE330 is a low knee current 3.3V voltage reference.
Offering tight tolerances and sharp knee characteristics –
consuming only 1µA when the 3.3V reference voltage can no
longer be maintained.
Excellent performance is maintained over the 1µA to 5mA
operating current range. The device has been designed to be
highly tolerant of capacitive loads so maintaining excellent stability.
It’s available in small outline SOT23 and TO92 packages This
device offers a pin for pin compatible alternative to industry
standard shunt voltage reference.
Features
Small packages: SOT23 & TO92
No output capacitor required
Output voltage tolerance
ZXRE330E ±2% at +25°C
ZXRE330A ±0.5% at +25°C
Low output noise
(10Hz to 10 kHz).............. 55µVRMS
Wide operating current range 1µA to 5mA
Extended temperature range -40°C to +85°C
Low temperature coefficient 20ppm/°C (Typ)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
ZXRE330xSA (SOT23)
ZXRE330xV (TO92)
Applications
Battery powered equipment
Precision power supplies
Portable instrumentation
Portable communications devices
Notebook and palmtop computers
Data acquisition systems
Low current voltage clamps
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
*
Anode
Cathode
Top v iew
* Pin 1 mu st be left floating or con nected to pin 2
3
1
2
(Top View)
1 Anode
2 *
3 Cathode
* Pin 2 must be left floating or connected to pin 1


Similar Part No. - ZXRE330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
ZXRE060 DIODES-ZXRE060 Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
ZXRE060 DIODES-ZXRE060 Datasheet
267Kb / 2P
Space saving packaging for ZXRE060 0.6V shunt regulator
MARCH 2011
ZXRE060A DIODES-ZXRE060A Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
396Kb / 10P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
More results

Similar Description - ZXRE330

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
logo
Analog Devices
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com