Electronic Components Datasheet Search
  English  ▼

X  

ZXRE330 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXRE330
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXRE330 Datasheet HTML 1Page - Diodes Incorporated ZXRE330 Datasheet HTML 2Page - Diodes Incorporated ZXRE330 Datasheet HTML 3Page - Diodes Incorporated ZXRE330 Datasheet HTML 4Page - Diodes Incorporated ZXRE330 Datasheet HTML 5Page - Diodes Incorporated ZXRE330 Datasheet HTML 6Page - Diodes Incorporated ZXRE330 Datasheet HTML 7Page - Diodes Incorporated ZXRE330 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
3 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Typ.
E Limits
Units
TAMB
VREF
Reverse breakdown voltage
IR = 100μA
+25°C
3.3
—
V
Reverse breakdown voltage tolerance
IR = 100μA
+25°C
ZXRE330A
—
±16.5
mV
ZXRE330E
±66
-40 to +85°C
±99
IROFF
Off state reverse current
V = VREF *0.9
+25°C
0.5
—
µA
-40 to +85°C
—
1
∆VR/∆T
Average reverse breakdown voltage
temperature coefficient
IR = 5mA
-40 to +85°C
±20
—
—
IR = 100µA
±15
±150
ppm/°C
IR = 10µA
±15
—
—
∆VR
Reverse breakdown
change with current
2uA <IR < 100uA
25°C
0.2
—
mV
-40 to +85°C
—
0.6
100uA < IR < 5mA
25°C
10
—
-40 to +85°C
—
20
IRMIN
Minimal Operating Current
—
1
2
µA
ZR
Dynamic output impedance
IR = 2mA, f = 120Hz, IAC = 0.1IR
2
—
Ω
en
Noise voltage
IR = 100µA
10Hz < f < 10kHz
55
—
µVRMS
VR
Long term stability (non cumulative)
t = 1000Hrs, IR = 100µA
—
—
ppm
VHYST
Thermal hysteresis
∆T = -40°C to +85°C
0.08
—
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com