Electronic Components Datasheet Search
  English  ▼

X  

NRCS Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRCS
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCS Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRCS Datasheet HTML 1Page - NIC-Components Corp. NRCS Datasheet HTML 2Page - NIC-Components Corp. NRCS Datasheet HTML 3Page - NIC-Components Corp. NRCS Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
DIMENSIONS (mm)
Type
EIA Size
L
W
H
T
t
NRC-S04
0402
1.0 ± 0.05 0.50 ± 0.05 0.35 ± 0.05
0.2 ± 0.1
0.25 +0.06
-0.05
NRC-S06
0603
1.60 ± 0.15 0.80 ± 0.15 0.45 ± 0.10 0.30 ± 0.20 0.30 ± 0.20
NRC-S10
0805
2.00 ± 0.20 1.25 ± 0.10 0.50 ± 0.10 0.40 ± 0.20 0.40 ± 0.20
NRC-S12
1206
3.20 +0.06
-0.05
1.60 +0.05
-0.15
0.60 ± 0.10 0.50 ± 0.25 0.50 ± 0.20
NRC-S25
1210
3.2 ± 0.20
2.50 +0.2
-0.1
0.60 ± 0.10 0.50 ± 0.25 0.50 ± 0.20
NRC-S50
2010
5.0 ± 0.2
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.5 ± 0.3
NRC-S100
2512
6.3 ± 0.2
3.2 ± 0.2
0.6 ± 0.1
0.7 ± 0.2
0.7 ± 0.2
CONSTRUCTION
PART NUMBER SYSTEM (E-24 VALUES)
NRC-S 12 J 103 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: G=±2% and J=±5%
Size
Series
Sulfur Resistant Thick Film Chip Resistors
NRC-S Series
Jumper
EIA
Size
Power Rating
at 70°C
Current
Rating
Overload
Current
Rating
Maximum
Resistance
Operating
Temperature
Range
NRC-S04ZO
0402
0.063W
1.0A
2.0A
50m
Ω
-55°C ~ +155°C
NRC-S06ZO
0603
0.10W
1.0A
2.0A
NRC-S10ZO
0805
0.125W
2.0A
4.0A
NRC-S12ZO
1206
0.25W
NRC-S25ZO
1210
0.25W
NRC-S50ZO
2010
0.50W
NRC-S100ZO 2512
1.0W
2.5A
5.0A
ZERO OHM JUMPER RATINGS
PART NUMBER SYSTEM (E-96 VALUES)
NRC-S 12 F 1002 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 3 figures are significant,
4th digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: F=±1%
Size
Series
Typical Performance*
(After immersions in cutting fluid with 0.5% Sulfur content)
250 Hours
500 Hours
1,000 Hours
100%
50%
0%
-50%
= Standard Thick Film Resistors (30 samples)
= NRCS series (30 samples)
11/30
opened
26/30
opened
*Referential performance measured
under certain preconditions and not
guaranteed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com