Electronic Components Datasheet Search
  English  ▼

X  

NRCS Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRCS
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCS Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRCS Datasheet HTML 1Page - NIC-Components Corp. NRCS Datasheet HTML 2Page - NIC-Components Corp. NRCS Datasheet HTML 3Page - NIC-Components Corp. NRCS Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Type
EIA
Case Size
A
B
C
D
E
W
Qty
NRC-S04
0402
180
+0.0
-3.0
60
+1.0
-3.0
13.0
±0.20
21.0
±0.80
2.0
±0.50
9.00
±0.30
10,000
NRC-S06
0603
5,000
NRC-S10
0805
NRC-S12
1206
NRC-S25
1210
4,000
NRC-S50
2010
13.0
±0.30
NRC-S100
2512
REEL DIMENSIONS (mm)
Type
EIA
Case Size
AB
C
NRC-S04
0402
0.5
1.3
0.5
NRC-S06
0603
0.9
2.6
0.7
NRC-S10
0805
1.35
3.45
1.1
NRC-S12
1206
2.2
4.7
1.4
NRC-S25
1210
2.2
5.2
2.15
NRC-S50
2010
3.7
6.2
2.15
NRC-S100
2512
4.7
7.6
2.75
B
C
A
LAND PATTERN DIMENSIONS (mm)
Sulfur Resistant Thick Film Chip Resistors
NRC-S Series
REFLOW SOLDERING TEMPERATURE PROFILE
200
300
260
50
150
100
0
120 Sec.
10 sec. max.
Peak Temperature 260°C
220
Time above 230°C
40 sec. max.
W
E
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com