Electronic Components Datasheet Search
  English  ▼

X  

STD25NF10LA Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD25NF10LA
Description  N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF10LA Datasheet(HTML) 3 Page - STMicroelectronics

  STD25NF10LA Datasheet HTML 1Page - STMicroelectronics STD25NF10LA Datasheet HTML 2Page - STMicroelectronics STD25NF10LA Datasheet HTML 3Page - STMicroelectronics STD25NF10LA Datasheet HTML 4Page - STMicroelectronics STD25NF10LA Datasheet HTML 5Page - STMicroelectronics STD25NF10LA Datasheet HTML 6Page - STMicroelectronics STD25NF10LA Datasheet HTML 7Page - STMicroelectronics STD25NF10LA Datasheet HTML 8Page - STMicroelectronics STD25NF10LA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD25NF10LA
Electrical ratings
Doc ID 022319 Rev 1
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate- source voltage
± 16
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
25
A
ID
Drain current (continuous) at TC = 100 °C
21
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
100
A
Ptot
Total dissipation at TC = 25 °C
100
W
Derating Factor
0.67
W/°C
dv/dt(3)
3.
ISD ≤25 A, di/dt ≤300 A/µs, VDD =V(BR)DSS, TJ ≤TJMAX
Peak diode recovery avalanche energy
20
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID = 12.5 A VDD = 50 V
Single pulse avalanche energy
450
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max (1)
1.
When Mounted on 1 inch2 FR-4 board, 2 oz. of Cu.
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com