Electronic Components Datasheet Search
  English  ▼

X  

UBA2072T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2072T
Description  Low Voltage Full-bridge control IC for CCFL backlighting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2072T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2072T Datasheet HTML 9Page - NXP Semiconductors UBA2072T Datasheet HTML 10Page - NXP Semiconductors UBA2072T Datasheet HTML 11Page - NXP Semiconductors UBA2072T Datasheet HTML 12Page - NXP Semiconductors UBA2072T Datasheet HTML 13Page - NXP Semiconductors UBA2072T Datasheet HTML 14Page - NXP Semiconductors UBA2072T Datasheet HTML 15Page - NXP Semiconductors UBA2072T Datasheet HTML 16Page - NXP Semiconductors UBA2072T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
UBA2072
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 08.0 — February 2007
13 of 28
NXP Semiconductors
UBA2072
Low Voltage Full-bridge control IC for CCFL backlighting
An internal latch makes the OV fault signal continuesly high even if the voltage at the
VFB-pin only exceeds VVFB(ovref) during part of the output period. So the peak of the
voltage on the VFB-pin determines if an over voltage fault condition is seen.In order to
avoid that OV fault condition at the nominal switching frequency (with the lamps operating
normally), the voltage ripple on the VFB-pin must not be too large.
The voltage at CVFB is limited by the oscillator circuit to VCVFB(range) when the minimum
switching frequency Fs(min) is reached. This ensures an immediate frequency increase
capability at over voltage detection.
7.8.2
Over current detection
When the absolute value3 of the voltage across the current sense resistor (connected to
the IFB-pin) exceeds the OC reference level VIFB(ocref), over-current is detected. As result
PWM dimming is disabled and the fault timer is started.
7.8.3
Arcing detection
If arcing occurs, for instance due to a bad lamp connection, it causes repetitive short
current spikes that can be seen as voltage spikes at the IFB input4. The arcing detection
circuit is directly connected to the IFB-pin, so it can only see spikes with a positive polarity.
Usually that will be sufficient. It can detect spikes with amplitude above VIFB(arcref) and a
duration longer then TSPIKE(min). Each spike will trigger an internal one-shot, which signals
to the control circuits that arcing has been detected. If this happens PWM dimming is
disabled, and the fault timer is started.
7.8.4
Ignition Failure (IF)
When the current control loop comes close to its regulation point, the lamps are presumed
to be on (ignited). This is when the average double side rectified IFB-pin voltage is above
VIFB(lampon). If the lamps are not on when the ignition sweep is finished (switching
frequency has reached FS(min)), then an ignition failure is detected, PWM dimming is
disabled and the fault timer is started.
7.8.5
The nonFAULT-pin
The nonFAULT-pin provides bidirectional signalling of the fault status between the IC and
any external circuit. When no fault is detected, the voltage on the pin is pulled high by an
internal current source.
An external circuit can signal to the IC that a fault has been detected by pulling down the
pin. The IC will detect the current drawn from the pin and start the fault timer. To prevent
interference with the PWM dimming, the IC will only look at the nonFAULT pin during the
period that the lamp current regulation loop is closed (VCSWP=VCIFB).
When the IC detects a fault internal (as in Section 7.8.1 to Section 7.8.4), it signals this via
the nonFAULT pin by pulling the pin down. In this case the IC can not see anymore if
there’s an external detected fault, but that’s no problem, because the faulttimer is then
already running.
3.
The OC comparator is behind the double side rectifier at the IFB-pin
4.
Provided that the current sensing circuit is simple sense resistor only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com