Electronic Components Datasheet Search
  English  ▼

X  

UBA2072T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2072T
Description  Low Voltage Full-bridge control IC for CCFL backlighting
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2072T Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2072T Datasheet HTML 1Page - NXP Semiconductors UBA2072T Datasheet HTML 2Page - NXP Semiconductors UBA2072T Datasheet HTML 3Page - NXP Semiconductors UBA2072T Datasheet HTML 4Page - NXP Semiconductors UBA2072T Datasheet HTML 5Page - NXP Semiconductors UBA2072T Datasheet HTML 6Page - NXP Semiconductors UBA2072T Datasheet HTML 7Page - NXP Semiconductors UBA2072T Datasheet HTML 8Page - NXP Semiconductors UBA2072T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
UBA2072
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 08.0 — February 2007
2 of 28
NXP Semiconductors
UBA2072
Low Voltage Full-bridge control IC for CCFL backlighting
4.
Ordering information
5.
Block diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
UBA2072T
SO28
plastic small outline package; 28 leads; body
width 7.5 mm
SOT136-1
UBA2072TS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1
Fig 1.
Block diagram UBA2072.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com