Electronic Components Datasheet Search
  English  ▼

X  

ZXFV301 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXFV301
Description  4:1 HIGH SPEED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV301 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXFV301 Datasheet HTML 1Page - Diodes Incorporated ZXFV301 Datasheet HTML 2Page - Diodes Incorporated ZXFV301 Datasheet HTML 3Page - Diodes Incorporated ZXFV301 Datasheet HTML 4Page - Diodes Incorporated ZXFV301 Datasheet HTML 5Page - Diodes Incorporated ZXFV301 Datasheet HTML 6Page - Diodes Incorporated ZXFV301 Datasheet HTML 7Page - Diodes Incorporated ZXFV301 Datasheet HTML 8Page - Diodes Incorporated ZXFV301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DEVICE DESCRIPTION
The ZXFV301 is a 4:1 high speed analog switch
designed for use as a buffered video multiplexer and
other high-speed applications.
It features low different gain and phase distortion. The
high speed high output current capability provides 75
cable drive for use in high performance video
applications.
The input channel is selected by means of four logic
lines. An output enable line allows expansion to eight
channels using two devices ZXFV301 as shown in the
example application figure 1.
An alternative device, ZXFV302 has a seperate
datasheet and provides the same functionality and
pin-out as the ZXFV301 but with only two logic lines
controlling the switch via a decoder.
FEATURES AND BENEFITS
• 3dB Bandwidth 300MHz
• Slew rate 450V/ s
• Differential gain 0.01%
• Differential phase 0.04
• Output current 40mA
• Stable up to 100pF load
•
5 Volt supply
• Supply current 19mA
• 16 pin SO package
APPLICATIONS
• Video routing and switching
• CCTV switching
• Video distribution selection
• RGB multiplexing
• High frequency instrumentation Data acquisition
• Data acquisition
ZXFV301
ISSUE 2 - NOVEMBER 2002
1
4:1 HIGH SPEED MULTIPLEXER
Part Number
Container
Increment
ZXFV301N16TA
Reel 7
″
500
ZXFV301N16TC
Reel 13
″
2500
Ordering information
Connection Diagram
Fig.1:Typical Application for 8 channel CCTV


Similar Part No. - ZXFV301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
ZXFV301N16TA ZETEX-ZXFV301N16TA Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
ZXFV301N16TC ZETEX-ZXFV301N16TC Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
More results

Similar Description - ZXFV301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
4:1 High-Speed Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
4:1 HIGH-SPEED MULTIPLEXER
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
4:1 High-Speed Multiplexer
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com