Electronic Components Datasheet Search
  English  ▼

X  

ZXFV301 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXFV301
Description  4:1 HIGH SPEED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV301 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXFV301 Datasheet HTML 1Page - Diodes Incorporated ZXFV301 Datasheet HTML 2Page - Diodes Incorporated ZXFV301 Datasheet HTML 3Page - Diodes Incorporated ZXFV301 Datasheet HTML 4Page - Diodes Incorporated ZXFV301 Datasheet HTML 5Page - Diodes Incorporated ZXFV301 Datasheet HTML 6Page - Diodes Incorporated ZXFV301 Datasheet HTML 7Page - Diodes Incorporated ZXFV301 Datasheet HTML 8Page - Diodes Incorporated ZXFV301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXFV301
ISSUE 2 - NOVEMBER 2002
4
1
10
100
1000
-30
-25
-20
-15
-10
-5
0
5
10
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0.1
1
10
100
1000
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
C
L=10pF
C
L=0pF
Vin = 0dBm
Av = +1
Frequency Response
Frequency (MHz)
Vin = 10dBm
Av = +1
Typical All Hostile Cross Talk
Frequency (MHz)
Vin = 10dBm
Av = +1
Vin = 10dBm
Av = +1
Typical Disabled Cross Talk
Frequency (MHz)
Feed-through Vs Frequency
Unselected Channel
Frequency (MHz)
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com