Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P302 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Applications Information
Eliminating Negative IGBT Gate Drive
To keep the IGBT firmly off, the ACPL-P302/W302 has a
very low maximum VOL specification of 1.0 V. Minimizing
Rg and the lead inductance from the ACPL-P302/W302
to the IGBT gate and emitter (possibly by mounting the
ACPL-P302/W302 on a small PC board directly above the
IGBT) can eliminate the need for negative IGBT gate drive
in many applications as shown in Figure 17. Care should
be taken with such a PC board design to avoid routing the
IGBT collector or emitter traces close to the ACPL-P302/
W302 input as this can result in unwanted coupling of
transient signals into the input of ACPL-P302/W302 and
degrade performance. (If the IGBT drain must be routed
near the ACPL-P302/W302 input, then the LED should be
reverse biased when in the off state, to prevent the tran-
sient signals coupled from the IGBT drain from turning on
the ACPL-P302/W302.
Selecting the Gate Resistor (Rg)
Step 1: Calculate Rg minimum from the IOL peak specifi-
cation. The IGBT and Rg in Figure 17 can be analyzed as
a simple RC circuit with a voltage supplied by the ACPL-
P302/W302.
Figure 18. Energy Dissipated in the ACPL-P302/W302 and for Each IGBT
Switching Cycle.
Figure 17. Recommended LED Drive and Application Circuit for ACPL-P302/W302
R
g
270
Ω
V
CC = 24V
+
-
6
1
5
2
4
3
0.1
μF
+5 V
CONTROL
INPUT
74XXX
OPEN
COLLECTOR
+ HVDC
-HVDC
3-PHASE
AC
Q1
Q2
ACPL-P302/W302
+
-
where KICC · Qg · f is the increase in ICC due to switching
and KICC is a constant of 0.001 mA/(nC*kHz). For the circuit
in Figure 17 with IF (worst case) = 10 mA, Rg = 57.5
:, Max
Duty Cycle = 80%, Qg = 100 nC, f = 20 kHz and TAMAX =
85°C:
57.5
Ω
0.4
24
− 1
I
V
V
R
OLPEAK
OL
CC
g
=
=
−
³
(R
) f
)(R
) f
Q
;
E
V
f
Q
K
Q
;
E
V
I
P
P
DutyCycle
V
P
P
P
g
g
SW
CC
g
ICC
CCBIAS
g
g
SW
CC
CC
O(SWITCHING)
O(BIAS)
O
F
F
E
O
E
T
+
+
= (I
+
=
+
= P
= I
+
= P
The VOL value of 1 V in the previous equation is the VOL at
the peak current of 0.4A. (See Figure 4).
Step 2: Check the ACPL-P302/W302 power dissipation and
increase Rg if necessary. The ACPL-P302/W302 total power
dissipation (PT) is equal to the sum of the emitter power
(PE) and the output power (PO).
@85
°C)
0.3
μJ 20 kHz = 126 mW £ 250 mW ( P
P
P
O(MAX)
O
E
= (3 mA + (0.001 mA/nC kHz) 20 kHz 100 nC) 24V +
= 10 mA 1.8V 0.8 = 14 mW
The value of 3 mA for ICC in the previous equation is the
max. ICC over entire operating temperature range.
Since PO for this case is less than PO(MAX), Rg = 57.5
: is
alright for the power dissipation.
0
0
Rg – GATE RESISTANCE –
Ω
100
1.5
20
4.0
40
1.0
60
80
3.5
Qg = 50 nC
Qg = 100 nC
Qg = 200 nC
Qg = 400 nC
3.0
2.0
0.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com