Electronic Components Datasheet Search
  English  ▼

X  

AD024-10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AD024-10
Description  Package Drawings and Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD024-10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD024-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Appendix
- 140 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Electrical Offset: The inherent imbalance of the bridge expressed in differential voltage output.
RBP: Reverse Battery Protection.
Definitions and Conversion Factors
Definitions:
CSK or Sink: Current sinking output, also referred to as Open Collector output.
Differential: The field difference between the Operate Point and the Release Point.
HBM: Human Body Model for ESD specifications.
Hysteresis: The maximum deviation in volts between the output with increasing field and the output
with decreasing field, where the applied field is unipolar (applied in either a positive or negative
direction, without crossing the zero field point), divided by Voltage Span. Expressed as a percentage.
Input Voltage Range: The voltage range that can be applied across the bridge.
IOL (Current Output Low): The output current in the low (logic 0) state (output stage switched on).
Max Output: A specification given in millivolts per applied voltage. This is the maximum output
voltage possible. This output condition is achieved when one set of resistors is in magnetic saturation
(have achieved the maximum resistance change possible) while the other pair are at zero applied
magnetic field.
Nonlinearity: The maximum deviation from a linear fit taken over the Field Range divided by the
Voltage Span. Expressed as a percentage.
Off-axis Characteristic: A specification that describes the variation in sensor output versus the angle
between the applied field direction and the sensitive axis of the GMR sensor with constant electrical
and magnetic inputs applied. Applicable to non-integrated bridge sensors. The output will vary as the
cosine of the angle rotated.
Operate Point: The field level which produces a logical change in state from “0” to “1” in NVE’s
digital magnetic field sensors ADXXX-XX.
Operating Frequency: Frequency range within which a sensor will produce a responsive output.
Output Leakage Current (Current Output High): The output current in the high (logic 1) state
(output stage switched off).
Output Saturation Voltage (Voltage Output Low): The output voltage in the low (logic 0) state
(output stage switched on).
Release Point: The field level which produces a logical change in state from “1” to “0” in NVE’s
digital magnetic field sensors ADXXX-XX.
Resistor Separation: This is the mean separation between the two pairs of resistors, in a Gradiometer
or Differential sensor.
Sensitivity: A measure of the output magnitude based on electrical and magnetic input conditions.
Expressed in millivolts of differential output per applied voltage per Oersted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com