Electronic Components Datasheet Search
  English  ▼

X  

AD024-10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD024-10
Description  Package Drawings and Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD024-10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD024-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Appendix
- 134 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Recommended Solder Reflow Profile
NVE recommends the following soldering profile
:
300
For leaded (Pb) parts, the peak temperature shown in this profile can be decreased to as low as 230°C.
Exceeding 265°C at peak or the time at peak temperature shown in this profile can damage the parts.
Specifically:
1.
AA- and AD-Series sensors are rated at 150°C maximum storage temperature. They can withstand
the solder profile shown above with no harmful effects. However, temperatures above 265°C for
even a brief period or extended periods above 160°C can cause degradation of the GMR sensor
element.
2.
AKL- and DD-Series parts contain an on-chip EEPROM. Exposure to temperatures in excess of
265°C can cause EEPROM data corruption, which will cause the parts to fall out of specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com