Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 1 Page - Analog Devices

  AD7302 Datasheet HTML 1Page - Analog Devices AD7302 Datasheet HTML 2Page - Analog Devices AD7302 Datasheet HTML 3Page - Analog Devices AD7302 Datasheet HTML 4Page - Analog Devices AD7302 Datasheet HTML 5Page - Analog Devices AD7302 Datasheet HTML 6Page - Analog Devices AD7302 Datasheet HTML 7Page - Analog Devices AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7302
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
2.7 V to 5.5 V, Parallel Input
Dual Voltage Output 8-Bit DAC
FUNCTIONAL BLOCK DIAGRAM
POWER ON
RESET
CS
WR
D0
REFIN
VDD
AD7302
VOUTA
DGND
D7
AGND
A/B
CLR
LDAC
PD
I/V
VOUTB
MUX
÷2
INPUT
REGISTER
DAC
REGISTER
I DAC A
DAC
REGISTER
I DAC B
I/V
INPUT
REGISTER
CONTROL
LOGIC
FEATURES
Two 8-Bit DACs In One Package
20-Lead DIP/SOIC/TSSOP Package
+2.7 V to +5.5 V Operation
Internal and External Reference Capability
DAC Power-Down Function
Parallel Interface
On-Chip Output Buffer
Rail-to-Rail Operation
Low Power Operation 3 mA max @ 3.3 V
Power-Down to 1
A max @ 25 C
APPLICATIONS
Portable Battery Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
GENERAL DESCRIPTION
The AD7302 is a dual, 8-bit voltage out DAC that operates
from a single +2.7 V to +5.5 V supply. Its on-chip precision
output buffers allow the DAC outputs to swing rail to rail. The
AD7302 has a parallel microprocessor and DSP-compatible
interface with high speed registers and double buffered interface
logic. Data is loaded to the registers on the rising edge of
CS or
WR and the A/B pin selects either DAC A or DAC B.
Reference selection for AD7302 can be either an internal
reference derived from the VDD or an external reference applied
at the REFIN pin. Both DACs can be simultaneously updated
using the asynchronous
LDAC input and can be cleared by
using the asynchronous
CLR input.
The low power consumption of this part makes it ideally suited
to portable battery operated equipment. The power consump-
tion is less than 10 mW at 3.3 V, reducing to 3
µW in power-
down mode.
The AD7302 is available in a 20-pin plastic dual-in-line package,
20-lead SOIC and a 20-lead TSSOP package.
PRODUCT HIGHLIGHTS
1. Low Power, Single Supply Operation. This part operates
from a single +2.7 V to +5.5 V supply and typically consumes
15 mW at 5 V, making it ideal for battery powered applications.
2. The on-chip output buffer amplifiers allow the outputs of the
DACs to swing rail to rail with a settling time of typically 1.2
µs.
3. Internal or external reference capability.
4. High speed parallel interface.
5. Power-Down Capability. When powered down the DAC
consumes less than 1
µA at 25°C.
6. Packaged in 20-lead DIP, SOIC and TSSOP packages.


Similar Part No. - AD7302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302 AD-AD7302 Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7302 AD-AD7302 Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7302BN AD-AD7302BN Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302 AD-AD7302 Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7801 AD-AD7801 Datasheet
219Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV.0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com