Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices AD7302 Datasheet HTML 10Page - Analog Devices AD7302 Datasheet HTML 11Page - Analog Devices AD7302 Datasheet HTML 12Page - Analog Devices AD7302 Datasheet HTML 13Page - Analog Devices AD7302 Datasheet HTML 14Page - Analog Devices AD7302 Datasheet HTML 15Page - Analog Devices AD7302 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7302
–12–
REV. 0
MICROPROCESSOR INTERFACING
AD7302–ADSP-2101/ADSP-2103 Interface
Figure 29 shows an interface between the AD7302 and the
ADSP-2101/ADSP-2103. The fast interface timing associated
with the AD7302 allows easy interface to the ADSP-2101/
ADSP-2103.
ADDR
DECODE
DATA BUS
ADDRESS BUS
CS
DB0
DB7
AD7302*
A/B
DMA0
DMA14
WR
EN
DMD0
DMD15
ADSP-2101*/
ADSP-2103*
WR
DMS
A**
A+1**
**ADDITIONAL CIRCUITRY OMITTED FOR CLARITY.
**A DECODED ADDRESS FOR DAC A.
**A+1 DECODED ADDRESS FOR DAC B.
LDAC
Figure 29. AD7302–ADSP-2101/ADSP-2103 Interface
Two addresses are decoded to select loading data to either
DAC A or DAC B.
LDAC is permanently tied low in this
circuit, so the selected DAC output is updated on the rising
edge of the
WR signal.
Data is loaded to the AD7302 input register using the following
ADSP-21xx instruction:
DM (DAC) = MR0
MR0 = ADSP-21xx MR0 Register.
DAC = Decoded DAC Address.
AD7302–TMS32020 Interface
Figure 30 shows an interface between the AD7302 and the
TMS32020. The address decoder is used to decode the
addresses for DAC A and DAC B. Data is loaded to the
AD7302 using the following instruction:
OUT DAC, D
DAC = Decoded DAC Address.
D = Data Memory Address.
ADDR
DECODE
DATA BUS
ADDRESS BUS
CS
DB0
DB7
AD7302*
A/B
A0
A15
STRB
EN
DMD0
DMD15
TMS32020
WR
IS
A**
A+1**
**ADDITIONAL CIRCUITRY OMITTED FOR CLARITY.
**A DECODED ADDRESS FOR DAC A.
**A+1 DECODED ADDRESS FOR DAC B.
LDAC
R/
W
Figure 30. AD7302–TMS32020 Interface
In the circuit shown the
LDAC is hardwired low, thus the
selected DAC output is updated on the rising edge of
WR.
Some applications may require simultaneous updating of both
DACs in the AD7302. In this case the
LDAC signal can be
driven from an external timer or can be controlled by the
microprocessor. One option for simultaneous updating is to
decode the
LDAC from the address bus so that a write opera-
tion at this address will simultaneously update both DAC
outputs. A simple OR gate with one input driven from the
decoded address and the second input from the
WR signal will
implement this function.
AD7302–8051/8088 Interface
Figure 31 shows a serial interface between the AD7302 and the
8051/8088 processors. The address decoder is used to decode
the addresses for DAC A and DAC B.
ADDR
DECODE
ADDRESS/DATA BUS
ADDRESS BUS
DB0
DB7
AD7302*
/B
A8
A15
AD0
AD7
8051/8088
OR
A**
A+1**
**ADDITIONAL CIRCUITRY OMITTED FOR CLARITY.
**A DECODED ADDRESS FOR DAC A.
**A+1 DECODED ADDRESS FOR DAC B.
ALE
OCTAL
LATCH
Figure 31. AD7302–8051//8088 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com